Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 10Page - STMicroelectronics L99VR02XP Datasheet HTML 11Page - STMicroelectronics L99VR02XP Datasheet HTML 12Page - STMicroelectronics L99VR02XP Datasheet HTML 13Page - STMicroelectronics L99VR02XP Datasheet HTML 14Page - STMicroelectronics L99VR02XP Datasheet HTML 15Page - STMicroelectronics L99VR02XP Datasheet HTML 16Page - STMicroelectronics L99VR02XP Datasheet HTML 17Page - STMicroelectronics L99VR02XP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Item
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
A.071 TRK_MODE
ITRK_MODE
Pull-down current
VS_LDO1,2 = 13.5 V
-
0.1
0.4
µA
A.072
IN_TRK
OV_trk
IN_TRK overvoltage
in tracking mode
VS_LDO2 = 5 V; 13.5 V
VO increasing
VO_LDO2 = 3.3 V
VO_LDO2 = 5 V
6.5%
10% 13.5%
Above
IN_TRK
A.073
IN_TRK
OV_trk_hyst
IN_TRK overvoltage
hysteresis in
tracking mode
VS_LDO2 = 5 V; 13.5 V
VO decreasing
VO_LDO2 = 3.3 V
VO_LDO2 = 5 V
-
1.2%
-
OV_trk
A.074
IN_TRK
UV_ trk
IN_TRK
undervoltage in
tracking mode
VS_LDO2 = 5 V; 13.5 V
decreasing
VO_LDO2 = 3.3 V
VO_LDO2 = 5 V
13.5% 10%
6.5%
Below
IN_TRK
A.075
IN_TRK
UV_trk_hyst
IN_TRK
undervoltage
hysteresis in
tracking mode
VS_LDO2 = 5 V; 13.5 V
VO decreasing
VO_LDO2 = 3.3 V
VO_LDO2 = 5 V
-
1.2%
-
UV_trk
A.084
-
IN_trk_filt
IN_trk monitor filter
time
8
16
44
µs
A.085
A.076
VO_LDO2
T_detrk
Filtering time
between a fault
detection and
shutdown of LDO2
in detracking
VS_LDO1,2 = 5 V; 13.5 V
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
0
-
30
µs
Table 13. Tracking status characteristics
Item
Pin
Symbol
Parameter
Test condition
Min Typ
Max
Unit
A.078 TRK_STAT
VTRK_STAT
TRK_STAT output low voltage
VS = 5 V; 13.5V
Rext ≥ 4.7 kΩ to VO_LDO2
VO_LDO2 = 3.3 V
VO_LDO2 = 5 V
-
-
0.2xVO
V
A.079 TRK_STAT I TRK_STAT _lkg_LDO2
TRK_STAT output high
leakage current
VTRK_STAT_LDO2 = 0.8 V
-
-
1
µA
Table 14. Thermal warning and protection characteristics
Item
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
A.054 TW_LDO1,2
VTW_low_LDO1,2
Thermal
warning output
low voltage
Rext ≥ 4.7 kΩ to
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
-
-
0.2x
VO_LDO1,2
V
A.055 TW_LDO1,2
Twarn_LDO1,2
Thermal
warning
temperature
140
150
165
°C
A.056 TW_LDO1,2 Twarn_hyst_LDO1,2
Thermal
warning
hysteresis
3
11
15
°C
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 14/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com