Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics L99VR02XP Datasheet HTML 10Page - STMicroelectronics L99VR02XP Datasheet HTML 11Page - STMicroelectronics L99VR02XP Datasheet HTML 12Page - STMicroelectronics L99VR02XP Datasheet HTML 13Page - STMicroelectronics L99VR02XP Datasheet HTML 14Page - STMicroelectronics L99VR02XP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Item
Pin
Symbol
Parameter
Test condition
Min
Typ
Max Unit
A.067
VS_LDO1,2
VO_LDO1,2
Iqn_LL_LDO1,2
Current
consumption from
each VS_LDOx pin
with regulator
enabled
Iqn_LL = IS - IO
VS_LDO1,2 = 3.5 V; 13.5 V
IO_LDO1,2 = 0 µA
-
115
160
µA
A.018
VS_LDO1,2
VO_LDO1,2
Iqn_0_LDO1,2
Current
consumption from
each VS_LDOx pin
with regulator
enabled
Iqn_0_LDO1,2 =
IS_LDO1,2 -
IO_LDO1,2
VS_LDO1,2 = 3.5 V; 13.5 V
IO_LDO1,2 > 0 to 50 µA
-
140
200
µA
A.019
VS_LDO1,2
VO_LDO1,2
Iqn_50_LDO1,2
Current
consumption from
each VS_LDOx pin
with regulator
enabled
Iqn_50_LDO1,2 =
IS_LDO1,2 -
IO_LDO1,2
VS_LDO1,2 = 3.5 V; 13.5 V
IO_LDO1,2 = 50 mA
-
325
500
µA
A.020
VS_LDO1,2
VO_LDO1,2
Iqn_150_LDO1,2
Current
consumption from
each VS_LDOx pin
with regulator
enabled
Iqn_150_LDO1,2 =
IS_LDO1,2 -
IO_LDO1,2
VS_LDO1,2 = 3.5 V; 13.5 V
IO_LDO1,2 = 150 mA
-
500
700
µA
A.021
VS_LDO1,2
VO_LDO1,2
Iqn_250_LDO1,2
Current
consumption from
each VS_LDOx pin
with regulator
enabled
Iqn_250_LDO1,2 =
IS_LDO1,2 - IO
VS_LDO1,2 = 3.5 V; 13.5 V
IO_LDO1,2 = 250 mA
-
0.6
1.5
mA
A.022
VO_LDO1,2
VUVLO_fall_LDO1,2
Undervoltage
lockout, falling
VO_LDO1,2= 0.8 V; 1.2 V; 1.5 V; 1.8
V
1.5
1.6
1.7
V
VO_LDO1,2= 2.5 V; 2.8 V; 3.3 V
2.25
2.4
2.55
VO_LDO1,2= 5 V
4.5
4.8
4.98
A.023
VO_LDO1,2
VUVLO rise_LDO1,2
Undervoltage
lockout, rising
VO_LDO1,2= 0.8 V; 1.2V; 1.5 V; 1.8 V
1.7
1.8
2.1
V
VO_LDO1,2= 2.5 V; 2.8 V; 3.3 V
2.6
2.7
2.8
VO_LDO1,2= 5 V
4.9
5.1
5.3
1. Ishort_LDO1,2 typical value of 120 mA for t = 400 µs during the power on.
2. Vs_low = 3.5 V at VO = 0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V; Vs_low = 5 V at VO = 2.8 V, 3.3 V; Vs_low = 6 V at VO= 5 V.
3. Parameters are guaranteed by design.
4. Referred to the Figure 29.
5. Considering that the minimum operating input voltage is 2.15 V, the dropout voltage (Vdp_LDO1,2) is not defined for output
voltages below 1.8 V.
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 11/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com