Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 13Page - STMicroelectronics L99VR02XP Datasheet HTML 14Page - STMicroelectronics L99VR02XP Datasheet HTML 15Page - STMicroelectronics L99VR02XP Datasheet HTML 16Page - STMicroelectronics L99VR02XP Datasheet HTML 17Page - STMicroelectronics L99VR02XP Datasheet HTML 18Page - STMicroelectronics L99VR02XP Datasheet HTML 19Page - STMicroelectronics L99VR02XP Datasheet HTML 20Page - STMicroelectronics L99VR02XP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Figure 10. Current consumption vs input voltage
(IO = 150 mA)
0.0
0.5
1.0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
VS_LDO1,2 (V)
IO = 150mA
Ta = 25 ⁰C
Figure 11. Short circuit current vs TJ
(Ishort pin tied to GND)
60
80
100
120
140
-60
-40
-20
0
20
40
60
80
100
120
Tj (⁰C)
Vs = 13.5V
Figure 12. Short-circuit current vs TJ (Ishort pin floating)
200
250
300
350
400
450
-60
-40
-20
0
20
40
60
80
100
120
TJ (⁰C)
Vs = 13.5V
Figure 13. Short-circuit current vs input voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
VS (V)
5V_Ishort_max
3.3V_Ishort_max
2.8V_Ishort_max
2.5V_Ishort_max
1.8V_Ishort_max
1.5V_Ishort_max
1.2V_Ishort_max
0.8V_Ishort_max
5V_Ishort_min
3.3V_Ishort_min
2.8V_Ishort_min
2.5V_Ishort_min
1.8V_Ishort_min
1.5V_Ishort_min
1.2V_Ishort_min
0.8V_Ishort_min
RSH = Floating
Ta = 25 ⁰C
Figure 14. Output voltage vs enable voltage
(VO_LDO1,2 = 0.8 V)
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VEN (V)
0.8V
IO = 250mA
Ta = 25 ⁰C
VS = 13.5V
Figure 15. Output voltage vs enable voltage
(VO_LDO1,2 = 1.2 V)
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VEN (V)
1.2V
IO = 250mA
Ta = 25 ⁰C
VS = 13.5V
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 17/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com