Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 39Page - STMicroelectronics L99VR02XP Datasheet HTML 40Page - STMicroelectronics L99VR02XP Datasheet HTML 41Page - STMicroelectronics L99VR02XP Datasheet HTML 42Page - STMicroelectronics L99VR02XP Datasheet HTML 43Page - STMicroelectronics L99VR02XP Datasheet HTML 44Page - STMicroelectronics L99VR02XP Datasheet HTML 45Page - STMicroelectronics L99VR02XP Datasheet HTML 46Page - STMicroelectronics L99VR02XP Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
Table 22. PowerSSO-36 (exposed pad down) package mechanical data
Ref.
Dimensions in mm
Min.
Typ.
Max.
Θ
0°
-
8°
Θ1
5°
-
10°
Θ2
0°
-
-
A
2.15
-
2.45
A1
0.00
-
0.10
A2
2.15
-
2.35
b
0.18
-
0.32
b1
0.13
0.25
0.30
c
0.23
-
0.32
c1
0.20
0.20
0.30
D
10.30 BSC
D1
6.90
-
7.50
D2
-
3.65
-
D3
-
4.30
-
e
0.50 BSC
E
10.30 BSC
E1
7.50 BSC
E2
4.30
-
5.20
E3
-
2.30
-
E4
-
2.90
-
G1
-
1.20
-
G2
-
1.00
-
G3
-
0.80
-
h
0.30
-
0.40
L
0.55
0.70
0.85
L1
1.40
L2
0.25 BSC
N
36
R
0.30
-
-
R1
0.20
-
-
S
0.25
-
-
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.10
ddd
0.20
eee
0.10
ffff
0.20
ggg
0.15
L99VR02XP
Package information
DS14686 - Rev 1
page 43/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com