Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 1 Page - STMicroelectronics

  L99VR02XP Datasheet HTML 1Page - STMicroelectronics L99VR02XP Datasheet HTML 2Page - STMicroelectronics L99VR02XP Datasheet HTML 3Page - STMicroelectronics L99VR02XP Datasheet HTML 4Page - STMicroelectronics L99VR02XP Datasheet HTML 5Page - STMicroelectronics L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Features
Max supply voltage (load dump)
VS_LDO1,2
40 V
Max. output voltage tolerance
ΔVO
±2%
Output current
IO_LDO1,2
2 x 250 mA
Quiescent current
Iqn_LDO1,2
≤ 1 µA(1)
1. Maximum value with regulator disabled, valid per each single output.
AEC-Q100 qualified
Operating DC power supply voltage range from 2.15 V to 28 V
Outputs protected versus short to battery
Battery and post regulation operating modes are allowed
Low dropout voltage
Low quiescent current consumption
Dual output voltages
User-selectable output voltage (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.3 V or
5 V)
Output voltage precision ±2%
Enable input for enabling/disabling the voltage regulator
Output voltage monitoring with reset output
Negligible ESR effect on output voltage stability for load capacitor
Programmable autonomous watchdog and reset pulse delay through external
capacitors
Undervoltage-lockout UVLO
Fast output discharge
Thermal shutdown and short-circuit protection
Advanced thermal warning and overvoltage diagnostic
Thermal clusters
Programmable short-circuit output current
Wide operating temperature range (from TJ = -40 °C to 175 °C)
Automatic voltage (de)tracking of LDO2 respect LDO1 or of an external voltage
regulator
Limited documentation available for customers that need support when dealing
with ASIL requirements as per ISO 26262
Description
The L99VR02XP is a low dropout dual linear regulator designed for automotive
applications available in a PowerSSO-36 package. The LDO delivers an output
current up to 2 x 250 mA, and consumes a quiescent current as low as 1 μA (per
each output) when the regulator is disabled.
PowerSSO-36
exposed pad down
Product status link
L99VR02XP
Product summary
Order code
L99VR02XPTR
Package
PowerSSO-36
Packing
Tape and reel
Dual automotive linear voltage regulator with configurable output voltage
(2x250 mA current capability)
L99VR02XP
Datasheet
DS14686 - Rev 1 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99VR02XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
L99VR02JTR STMICROELECTRONICS-L99VR02JTR Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
L99VR02J STMICROELECTRONICS-L99VR02J_V01 Datasheet
2Mb / 38P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
22-Dec-2022
More results

Similar Description - L99VR02XP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
TLE4286G INFINEON-TLE4286G_08 Datasheet
239Kb / 11P
5-V Voltage Regulator 15 mA output current capability
Rev. 2.3, 2008-04-21
logo
ON Semiconductor
NCP4588 ONSEMI-NCP4588 Datasheet
384Kb / 17P
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
ON Semiconductor
NCP4588 ONSEMI-NCP4588_13 Datasheet
389Kb / 17P
200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
February, 2013 ??Rev. 1
logo
Texas Instruments
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com