Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 26 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 22Page - STMicroelectronics L99VR02XP Datasheet HTML 23Page - STMicroelectronics L99VR02XP Datasheet HTML 24Page - STMicroelectronics L99VR02XP Datasheet HTML 25Page - STMicroelectronics L99VR02XP Datasheet HTML 26Page - STMicroelectronics L99VR02XP Datasheet HTML 27Page - STMicroelectronics L99VR02XP Datasheet HTML 28Page - STMicroelectronics L99VR02XP Datasheet HTML 29Page - STMicroelectronics L99VR02XP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
4.5
Reset
Two independently reset circuits supervise the output voltages VO_LDO1,2. If at least one output voltage falls below
Vo_th_LDO1,2 then RST_LDO1,2 is pulled low with a reaction time Trr.
When the output voltage rises above Vo_th_LDO1,2 + Vo_th_hyst_LDO1,2 then RST_LDO1,2 is pulled high with a
delay time Trd. The delay is generated by an internal circuit.
The reset circuit is active when EN_LDO1,2 is high. Being RST_LDO1,2 an open-drain output an external
resistance (Rrst) is needed between the RST_LDO1,2 pin and the VO_LDO1,2 pin. The external resistance value
can be in a range between 4.7 kΩ and 20 kΩ. Leave the RST pin floating if not used. Be aware that the current
flowing through the RST pin drawn from VO_LDO1,2 when the RST pin is pulled low may affect the watchdog
activation/deactivation based on the regulator output current consumption monitoring.
Trd is set by an external capacitor in Vcr_LDO1,2 pins, following the below rule:
Trd= 2.2V
Icr_LDO1,2Ctr
(1)
Where:
Trd = 16 µs if Vcr_LDO1,2 pins are floating.
Figure 44. Reset timing diagram
4.6
Autonomous watchdog
Up to two supplied microcontrollers are monitored by the watchdog inputs Wi_LDO1,2. If pulses are missing, the
relative RST_LDO1,2 output pins are set to low. The watchdog timeout can be set within a wide range with the
external capacitor, Ctw. The watchdog circuits discharge the capacitor Ctwx, with the constant current ICWd_LDO1,2.
The value of the watchdog ignore time changes according to the value of the capacity used, according to the
following formula:
If the lower threshold Vwlth_LDO1,2 is reached, a watchdog reset is generated. To prevent this from happening the
microcontrollers must generate a positive edge during the discharge of the capacitors before the voltage reaches
the threshold Vwlth_LDO1,2. To calculate the sawtooth period “Twop”, taking care that the microcontroller triggers the
positive edge during the discharge phase of Ctwx (Td), the following equation can be used:
Vwℎtℎ_LDO1,2−Vwltℎ_LDO1,2 ×Ctw=ICWd_LDO1,2×Td
(2)
Vwℎtℎ_LDO1,2−Vwltℎ_LDO1,2 ×Ctw=ICWc_LDO1,2×Twol
(3)
Twop=Td+Twol
(4)
L99VR02XP
Application information
DS14686 - Rev 1
page 26/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com