Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 20Page - STMicroelectronics L99VR02XP Datasheet HTML 21Page - STMicroelectronics L99VR02XP Datasheet HTML 22Page - STMicroelectronics L99VR02XP Datasheet HTML 23Page - STMicroelectronics L99VR02XP Datasheet HTML 24Page - STMicroelectronics L99VR02XP Datasheet HTML 25Page - STMicroelectronics L99VR02XP Datasheet HTML 26Page - STMicroelectronics L99VR02XP Datasheet HTML 27Page - STMicroelectronics L99VR02XP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Figure 41. Ishort versus Rsh
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
600
700
800
Rsh[KΩ]
-40 C
25 C
150 C
Open pins (no resistance on the Ishort_LDO1,2 pins), is seen as a max resistance corresponding to the maximum
Ishort current.
4.3
Output voltage selection
The L99VR02XP can provide one out of 8 different output voltages for each of the two outputs. The combination
of three digital input selectors (SELx_LDOy) determines the output voltage according to the following truth table.
Table 16. Truth table
VO_LDO1,2
SEL1_LDOY
SEL2_LDOY
SEL3_LDOY
5
1
1
1
3.3
1
1
0
2.8
1
0
1
2.5
1
0
0
1.8
0
1
1
1.5
0
1
0
1.2
0
0
1
0.8 (Default)
0
0
0
The SELx_LDOy pins configuration is acquired at the device startup (EN_LDO1,2 from low to high) and once
configuration is acknowledged, it cannot be changed until the next EN_LDO1,2 transition.
When all the pins are left not connected, the default configuration is selected.
L99VR02XP
Application information
DS14686 - Rev 1
page 24/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com