Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 19Page - STMicroelectronics L99VR02XP Datasheet HTML 20Page - STMicroelectronics L99VR02XP Datasheet HTML 21Page - STMicroelectronics L99VR02XP Datasheet HTML 22Page - STMicroelectronics L99VR02XP Datasheet HTML 23Page - STMicroelectronics L99VR02XP Datasheet HTML 24Page - STMicroelectronics L99VR02XP Datasheet HTML 25Page - STMicroelectronics L99VR02XP Datasheet HTML 26Page - STMicroelectronics L99VR02XP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Input ceramic capacitors C2_1,2 ≥ 4.7 μF are necessary for the regulator to operate properly. The other input
capacitors C1_1,2 can be used as backup supply for the application. The C0 capacitors, connected to the output
pins, are for bypassing to GND the high-frequency noise and it guarantees stability even during sudden line and
load variations. Suggested value is C0 = 3.3 µF.
The ESR of the SMD output ceramic capacitor has a negligible effect on the stability of the L99VRx family for
capacitors with low ESR. A ceramic SMD capacitor is recommended on VO pin.
4.1
Voltage regulator
Two embedded voltage regulators use p-channel MOSFET transistors as regulating elements. With this structure,
a very low dropout voltage at current up to IO_LDO1,2 = 250 mA in split output voltages is obtained.
The high-precision of the output voltage (±2%) is obtained with a pretrimmed reference voltage. The voltage
regulator automatically adapts its own quiescent current to the output current level. In light load conditions the
quiescent current goes down to Iqn_0_LDO1,2 = 115 µA only (low consumption mode). The L99VR02XP operates
with reduced input voltage (post regulation) minimizing the internal power dissipation and maximizing the output
current.
4.2
Output current limitation
Output current limitation is present to protect the regulator and the application from overload condition, such as
short to ground.
Figure 40. Behavior of regulated voltage VO_LDO1,2 versus output current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Iout_LDO1,2 (A)
Vo_5V
Vo_3.3V
Vo_2.8V
Vo_2.5V
Vo_1.8V
Vo_1.5V
Vo_1.2V
Vo_0.8V
Vs = 13.5V
Ta = 25 ⁰C
The Ishort current can be set in the range between 110 mA (typ) to 405 mA (typ) through an external resistor Rsh
connected between Ishort pin and ground.
L99VR02XP
Application information
DS14686 - Rev 1
page 23/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com