Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 3Page - STMicroelectronics L99VR02XP Datasheet HTML 4Page - STMicroelectronics L99VR02XP Datasheet HTML 5Page - STMicroelectronics L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics L99VR02XP Datasheet HTML 10Page - STMicroelectronics L99VR02XP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
2.2
Thermal data
2.2.1
Thermal resistance
Table 3. Operation junction temperature
Item
Symbol
Parameter
Value(1)
Unit
A.001
Rthj-case
Junction to case thermal resistance
4.6
°C/W
A.002
Rthj-amb_auto
Junction to ambient thermal resistance single LDO
23.5
°C/W
A.066
Rthj-amb_mutual
Junction to ambient thermal resistance when EN1 is high and EN2 low
18
°C/W
1. Measured on VS.
The values quoted are for PCB 129 mm x 60 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm (outer
layers). Cu thickness 0.035 mm (inner layers), thermal via separation 1.2 mm, thermal via diameter 0.3 mm ±0.08
mm, Cu thickness on via 0.025 mm. Footprint dimension 4.1 mm x 6.5 mm.
To calculate the TJ of the device, the following cases are then taken into account:
Table 4. TJ calculation
LDO1
LDO2
ΔTJLDO1
ΔTJLDO2
ON
OFF
PdLDO1 * RthA
PdLDO1 * RthAB
OFF
ON
PdLDO2 * RthAB
PdLDO2 * RthB
ON
ON
PdLDO1 * RthA + PdLDO2 * RthAB
PdLDO2 * RthB + PdLDO1 * RthAB
Figure 3. Rth_amb junction to ambient thermal resistance
Chip1
Rth A
Chip2
Rth B
Rth AB
In the case of only LDO1 is switched on, the TJ will be:
TJ = Tamb + (PdLDO1 * RthA) + (PdLDO1 * RthAB)
In case both LDO1 and LDO2 are switched on, TJ will be:
TJ = Tamb + (PdLDO1 * RthA+ PdLDO2 * RthAB) + ( PdLDO2 * RthB + PdLDO1 * RthAB)
Where:
Pd is power dissipation of the device
RthA and RthB are Rthj-amb_auto
RthAB is Rthj-amb_mutual
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 7/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com