Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 9 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 5Page - STMicroelectronics L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics L99VR02XP Datasheet HTML 10Page - STMicroelectronics L99VR02XP Datasheet HTML 11Page - STMicroelectronics L99VR02XP Datasheet HTML 12Page - STMicroelectronics L99VR02XP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
2.3
Electrical characteristics
Values specified in this section are for VS_LDO1,2 = 2.15 V to 18 V, Tj = -40 °C to +150 °C, unless otherwise
stated.
Table 6. Electrical characteristics
Item
Pin
Symbol
Parameter
Test condition
Min
Typ
Max Unit
A.007
VO_LDO1,2
VO_000
Output voltage
VS_LDO1,2 = 2.15 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [0;0;0]
0.784 0.8 0.816
V
VO_001
VS_LDO1,2 = 2.15 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [0;0;1]
1.176 1.2 1.224
VO_010
VS_LDO1,2 = 2.15 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [0;1;0]
1.470 1.5 1.530
VO_011
VS_LDO1,2 = 2.45 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [0;1;1]
1.764 1.8 1.836
VO_100
VS_LDO1,2 = 3.15 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [1;0;0]
2.450 2.5 2.550
VO_101
VS_LDO1,2 = 3.45 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [1;0;1]
2.744 2.8 2.856
VO_110
VS_LDO1,2 = 3.95 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [1;1;0]
3.234 3.3 3.366
VO_111
VS_LDO1,2 = 5.65 to 18 V
IO_LDO1,2 = 1 to 250 mA
SELx_LDOy_CONF = [1;1;1]
4.9
5
5.1
A.008
VO_LDO2
Vtrk1
Output voltage
tracking of LDO2
with respect to
IN_TRK
VO_LDO1,2 = 1.5 V; 1.2 V; 0.8 V
VS_LDO1,2 = 3.3 V (VS_LDO1 shorted
to VS_LDO2)
IO_LDO1 = 50 mA
IO_LDO2 = 1 mA to 100 mA
-10
-
10
mV
A.060
Vtrk2
VO_LDO1,2 = 5 V; 3.3 V; 2.8 V;2.5
V;1.8 V
VS_LDO1,2 = 6 V (VS_LDO1 shorted
to VS_LDO2)
IO_LDO1 = 50 mA
IO_LDO2 = 1 mA to 100 mA
-20
-
20
mV
A.009
VO_LDO1,2
IO_LDO1,2
DC maximum
output currents
VO = 0.8 V; 1.2 V, 1.5 V; 1.8 V; 2.5
V; 2.8 V; 3.3 V; 5 V
-
-
250
mA
A.010
VO_LDO1,2
Ishort_LDO1,2
Short circuit
current lower
value(1)
VS_LDO1,2 = 4 V for Vo_LDO1,2=3.3 V
VS_LDO1,2 = 5.8 V for Vo_LDO1,2= 5
V with
Ishort_LDO1,2 pin connected to GND
60
110
175
mA
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 9/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com