Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 16Page - STMicroelectronics L99VR02XP Datasheet HTML 17Page - STMicroelectronics L99VR02XP Datasheet HTML 18Page - STMicroelectronics L99VR02XP Datasheet HTML 19Page - STMicroelectronics L99VR02XP Datasheet HTML 20Page - STMicroelectronics L99VR02XP Datasheet HTML 21Page - STMicroelectronics L99VR02XP Datasheet HTML 22Page - STMicroelectronics L99VR02XP Datasheet HTML 23Page - STMicroelectronics L99VR02XP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
Figure 30. ISELx_LDO1,2 vs VS_LDO1,2
0.10
0.15
0.20
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
VS_LDO1,2 (V)
RSH = Floating
Ta = 25 ⁰C
Vo = 5V
SEL1
SEL2
SEL3
Figure 31. Vtrk vs temperature (VO_LDO1,2 =
5 V, 3.3 V, 2.8 V, 2.5 V, 1.8 V)
-25.00
-15.00
-5.00
5.00
15.00
-60
-40
-20
0
20
40
60
80
100
120
TJ (⁰C)
Vs = 6V
Io =
50mA
Vs = 6V
Io = 50mA
5V
3.3V
2.8V
2.5V
1.8V
Figure 32. Vtrk vs temperature
(VO_LDO1,2 = 1.5 V, 1.2 V, 0.8 V)
-5.00
-3.00
-1.00
1.00
3.00
5.00
7.00
-60 -40 -20
0
20
40
60
80 100 120
TJ (⁰C)
Vs = 3.3V
Io = 50mA
1.5V
1.2V
0.8V
Figure 33. PSRR
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
10000
Frequency (kHz)
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 20/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com