Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 17Page - STMicroelectronics L99VR02XP Datasheet HTML 18Page - STMicroelectronics L99VR02XP Datasheet HTML 19Page - STMicroelectronics L99VR02XP Datasheet HTML 20Page - STMicroelectronics L99VR02XP Datasheet HTML 21Page - STMicroelectronics L99VR02XP Datasheet HTML 22Page - STMicroelectronics L99VR02XP Datasheet HTML 23Page - STMicroelectronics L99VR02XP Datasheet HTML 24Page - STMicroelectronics L99VR02XP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
3
Test circuit and waveforms plot
3.1
Load regulation
Figure 34. Load regulation test circuit
VS_LDO1
En_LDO1
Ishort_LDO1
RES_LDO2
SEL1_LDO1
OUT_LDO1
Vcw_LDO1
Wi_LDO1
GND
SEL2_LDO1
TW_LDO2
SEL3_LDO1
RES_LDO1
En_LDO2
OUT_LDO2
SEL1_LDO2
SEL2_LDO2
SEL3_LDO2
Ishort_LDO2
TW_LDO1
TC_CONF
VS_LDO2
VCR_LDO1
VCR_LDO2
Vcw_LDO2
Rsh_LDO2
Rsh_LDO1
Wi_LDO2
Ctr1
Ctr2
C1
C2
Ctw1
Ctw2
Co2
Rrst2
Rrst1
3.3 µF
Vbat
ESR
Vo
LOAD
Io
Figure 35. Maximum load variation response (5 V)
-0.70
-0.55
-0.40
-0.25
-0.10
0.05
0.20
4.9
5.0
5.0
5.1
5.1
5.2
5.2
0.00
0.01
0.02
0.03
0.04
0.05
Time (s)
Vout (5V)
Iout (A)
Figure 36. Maximum load variation response (3.3 V)
-0.70
-0.55
-0.40
-0.25
-0.10
0.05
0.20
3.2
3.25
3.3
3.35
3.4
3.45
0.00
0.01
0.02
0.03
0.04
0.05
Time (s)
Vout (3.3V)
Iout (A)
L99VR02XP
Test circuit and waveforms plot
DS14686 - Rev 1
page 21/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com