Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 27Page - STMicroelectronics L99VR02XP Datasheet HTML 28Page - STMicroelectronics L99VR02XP Datasheet HTML 29Page - STMicroelectronics L99VR02XP Datasheet HTML 30Page - STMicroelectronics L99VR02XP Datasheet HTML 31Page - STMicroelectronics L99VR02XP Datasheet HTML 32Page - STMicroelectronics L99VR02XP Datasheet HTML 33Page - STMicroelectronics L99VR02XP Datasheet HTML 34Page - STMicroelectronics L99VR02XP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
4.10
Fast output discharge
To assure a quick discharge of the external capacitors tied on the output pins down to around 1.3 V the
L99VR02XP uses two internal pull-down circuits. When the EN_LDO1,2 pins go low, during thermal shut-down
and during undervoltage lockout, the output currents flow through the pull-down resistors of the fast output
discharge circuit to the ground. The fast output discharge feature is available for the output voltages VO_LDO1,2 =
2.5 V (SELx = [1;0;0]) VO_LDO1,2 = 2.8 V (SELx = [1;0;1]) VO_LDO1,2 = 3.3 V (SELx = [1;1;0]) and VO_LDO1,2 = 5 V
(SELx = [1;1;1]).
4.11
Automatic voltage (de)tracking of LDO1 or tracking of an external LDO
Voltage (de)tracking is a solution adopted when long cable supplies off-board loads with voltage regulators
located on the main module. Under that operative condition short to GND and short to battery protection have to
be granted to contrast electrical failures caused by damaging of the cable. Moreover, to guarantee high accuracy
of data acquisition by microcontrollers, a very low discrepancy between the rails on-board and off-board is
assured.
In L99VR02XP, LDO2 can be a tracker of LDO1 or an external voltage regulator.
This function is enabled by TRK_MODE pin, IN_TRK pin and TRK_STAT, according to the following table:
Table 19. Tracking mode configuration
Pin
Function
TRK_MODE = GND
IN_TRK = LDO1
TRK_STAT = High
LDO2 automatically trackers LDO1 if SELx_LDO1 = SELx_LDO2 in case of SELx_LDO1 ≠
SELx_LDO2, LDO2 becomes a fully independent regulator.
TRK_MODE = VS
IN_TRK = external LDO
TRK_STAT = High
LDO2 trackers of an external voltage regulator output. The user MUST guarantee the same rails for
the external output voltage regulator and LDO2. Also, if SELx_LDO1 = SELx_LDO2 such internal
voltage regulators (LDO1 and LDO2) are always untied.
TRK_MODE = VS
IN_TRK = GND
TRK_STAT = Low
LDO2 works as a fully independent regulator.
The TRK_STAT pin is required to communicate to the MCU, if LDO2 is in tracking mode or working as an
independent regulator.
During the startup phase (soft-start), if the tracking mode is disabled or LDO2 is in UV/OV the TRK_STAT pin is
set low.
After startup, without UV/OV faults, when the tracking mode is activated the TRK_STAT pin goes high.
If the device is configured with LDO2 tracker of LDO1 and the soft start signal of LDO1 is high (soft start phase in
progress), the tracking comparators are ignored to avoid unwanted transient effects during standard startup in the
tracking with LDO1.
Tracking mode = 1 → If V(IN_TRK) and all other conditions are correct when LDO2 is enabled, tracking mode is
enabled otherwise it is disabled during all the LDO2 soft start.
L99VR02XP
Application information
DS14686 - Rev 1
page 31/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com