Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 2 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 2 Page - STMicroelectronics

  L99VR02XP Datasheet HTML 1Page - STMicroelectronics L99VR02XP Datasheet HTML 2Page - STMicroelectronics L99VR02XP Datasheet HTML 3Page - STMicroelectronics L99VR02XP Datasheet HTML 4Page - STMicroelectronics L99VR02XP Datasheet HTML 5Page - STMicroelectronics L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
The input is 40 V tolerant to withstand load dump, while the operating input voltage range is between 2.15 V and
28 V. Each of the L99VR02XP outputs can be configured, through SELx pins, to generate a fixed output voltage
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.3 V or 5 V). High output voltage accuracy (±2%) is kept over wide
temperature range, line and load variation.
The L99VR02XP features enable, reset, autonomous watchdog, advanced thermal warning, thermal cluster, fast
output discharge. Automatic voltage (de)tracking of LDO2 respect the internal LDO1 or of an external voltage
regulator and IShort control. The regulator output current is internally limited so the device is protected against
short circuit and overload, besides it features over temperature protection; the short current value is configurable
by an external resistance. The L99VR02XP can operate both in post regulation, attached to a pre-regulated
voltage, or directly connected to the battery.
L99VR02XP
DS14686 - Rev 1
page 2/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com