Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 2Page - STMicroelectronics L99VR02XP Datasheet HTML 3Page - STMicroelectronics L99VR02XP Datasheet HTML 4Page - STMicroelectronics L99VR02XP Datasheet HTML 5Page - STMicroelectronics L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics L99VR02XP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the ratings listed in the Table 2 may cause permanent damage to the device. These
are stress ratings only and operation of the device at these or any other conditions above those indicated in the
operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS_LDO1,2
DC supply voltage
-0.3 to 28
V
VS_LDO1,2
Single pulse/tmax < 400 ms “transient load dump”
40
V
IS_LDO1,2
Input current
Internally limited
-
VO_LDO1,2
DC output voltage
-0.3 to VS_LDO1,2 + 0.3 up to 25
V
IO_LDO1,2
DC output current
Internally limited
-
VIN_TRK
DC input voltage
-0.3 to 28(1)
V
VWi_LDO1,2
Watchdog input voltage
-0.3 to 6.7
V
Vcw_LDO1,2
Watchdog delay voltage
- 0.3 to 25
V
Vrst_LDO1,2
Reset output voltage
-0.3 to 25
V
Irst_LDO1,2
Reset output current
Internally limited
-
Vcr_LDO1,2
Vcr voltage
- 0.3 to 25
V
VTW_LDO1,2
Thermal warning output voltage
-0.3 to 25
V
ITW_LDO1,2
Thermal warning output current
Internally limited
-
VTC_CONF
Thermal cluster configuration input voltage
-0.3 to 28(1)
V
Vsh_ctrl_LDO1,2 “Short current” control voltage
-0.3 to 4.6
V
VEN_LDO1,2
Enable input
-0.3 to 28(1)
V
VSELx_LDO1,2
Selectors input voltage
-0.3 to 28(1)
V
VTRK_MODE
Selector input for tracking mode
-0.3 to 28(1)
V
VTRK_STAT
Tracking status output pin
-0.3 to 25
V
VESD HBM
ESD HBM voltage level (HBM-MIL STD 883C)
±2
kV
VESD CDM
ESD CDM voltage level (CDM AEC-Q100-011)
±500
V
ESD CDM voltage level on corner pins (CDM AEC-Q100-011)
±750
V
1. Up to 40 V load dump.
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 6/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com