Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 21Page - STMicroelectronics L99VR02XP Datasheet HTML 22Page - STMicroelectronics L99VR02XP Datasheet HTML 23Page - STMicroelectronics L99VR02XP Datasheet HTML 24Page - STMicroelectronics L99VR02XP Datasheet HTML 25Page - STMicroelectronics L99VR02XP Datasheet HTML 26Page - STMicroelectronics L99VR02XP Datasheet HTML 27Page - STMicroelectronics L99VR02XP Datasheet HTML 28Page - STMicroelectronics L99VR02XP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
Figure 42. Example of output voltage selection
Co1
VS_LDO1
En_LDO1
Ishort_LDO1
RES_LDO2
SEL1_LDO1
OUT_LDO1
Vcw_LDO1
Wi_LDO1
GND
SEL2_LDO1
TW_LDO2
SEL3_LDO1
RES_LDO1
En_LDO2
OUT_LDO2
SEL1_LDO2
SEL2_LDO2
SEL3_LDO2
Ishort_LDO2
TW_LDO1
TC_CONF
VS_LDO2
VCR_LDO1
VCR_LDO2
Vcw_LDO2
Rsh_LDO2
Rsh_LDO1
Wi_LDO2
Ctr1
Ctr2
C1
C2
Ctw1
Ctw2
Co2
Rrst2
Rrst1
Vbat
Ren2
Ren1
Vs1
Vs2
Vo2=2.5V
Vo1=2.5V
The SELx_LDOy pins are internally connected to GND via pull-down current source.
4.4
Enable
The L99VR02XP is enabled/disabled by two independently enable inputs; a high voltage signal switches the
regulator ON. When the enabled pins are set to low, the outputs are switched-off, the current consumption of the
device becomes as low as 1 μA and the fast output discharge circuit is activated. It may happen that the enable
pins must be driven by components supplied at a voltage different from the regulator supply voltage. In this case
the EN_LDO1,2 input pins must be set high only once VS > 1.5 V. A solution to drive the enable pin is depicted in
the Figure 43.
Figure 43. Typical example of enable control
VS_LDO1
En_LDO1
Ishort_LDO1
RES_LDO2
SEL1_LDO1
OUT_LDO1
Vcw_LDO1
Wi_LDO1
GND
SEL2_LDO1
TW_LDO2
SEL3_LDO1
RES_LDO1
En_LDO2
OUT_LDO2
SEL1_LDO2
SEL2_LDO2
SEL3_LDO2
Ishort_LDO2
TW_LDO1
TC_CONF
VS_LDO2
VCR_LDO1
VCR_LDO2
Vcw_LDO2
Rsh_LDO2
Rsh_LDO1
Wi_LDO2
Ctr1
Ctr2
C1
C2
Ctw1
Ctw2
Co2
Rrst2
Rrst1
Co1
Power supply -
supply line 1
Ren1
Ren2
Enable supply -
supply line 2
Power supply -
supply line 1
Enable supply -
supply line 3
In any case, since the enable input voltage is linked to the maximum dc supply voltage (VS_LDOy) applied to the
L99VR02XP (-0.3 V ≤ VEN_LDO1,2 ≤ + 28 V), special care must be adopted in driving EN_LDO1,2 pins to avoid
exceeding the absolute maximum rating. External resistances in a range of 1 kΩ through 33 kΩ can be connected
to the EN pins to further limit the current flow.
L99VR02XP
Application information
DS14686 - Rev 1
page 25/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com