Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics L99VR02XP Datasheet HTML 10Page - STMicroelectronics L99VR02XP Datasheet HTML 11Page - STMicroelectronics L99VR02XP Datasheet HTML 12Page - STMicroelectronics L99VR02XP Datasheet HTML 13Page - STMicroelectronics L99VR02XP Datasheet HTML 14Page - STMicroelectronics L99VR02XP Datasheet HTML 15Page - STMicroelectronics L99VR02XP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Table 7. Fast output discharge characteristics
Item
Pin
Symbol
Parameter
Test condition
Min Typ Max Unit
A.024
VO_LDO1,2
RFD
Fast discharge, pull-down resistor
VS_LDO1,2 = 3.95 V; 13.5 V
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
EN_LDO1,2 = Low
50
75
120
Ω
Table 8. Reset characteristics
Item
Pin
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
A.025
RST_LDO1,2
Vrstl_LDO1,2
Reset output low
voltage
Vs = 5 V; 13.5 V
Rext ≥ 4.7 kΩ to VO_LDO1,2
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
-
-
0.2xVO
V
A.026
RST_LDO1,2
Irst_lkg_LDO1,2
Reset output
high leakage
current
Vrs_LDO1,2t = 0.8 V
-
-
1
µA
A.028
RST_LDO1,2
VO_th_LDO1,2
VO out of
regulation, low
threshold
VS_LDO1,2 = 5 V
13.5 V decreasing
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
13.5% 10%
6.5%
Below
VO_LDO1,2
A.064
RST_LDO1,2
VO_th_hyst_LDO1,2
VO out of
regulation – low
threshold
hysteresis
VS_LDO1,2 = 5 V;
13.5 VO increasing
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
-
2%
-
VO_th_LDO1,2
A.031
Icr_LDO1,2
Icr_LDO1,2
Charge current
VS_LDO1,2 = 5 V; 13.5 V
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
8
15
30
µA
A.033 RST_LDO1,2
Trr
Reset reaction
time
VS_LDO1,2 = 5 V; 13.5 V
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
10
16
37
µs
A.034
RST_LDO1,2
Trd
Reset delay time
VS_LDO1,2 = 5 V; 13.5 V
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
Without external capacitor
5
16
37
µs
A.061
Trd
VS_LDO1,2 = 5 V; 13.5 V
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
Ctr1,2 = 3.5 nF
320(1) 500
620
1. Trd= 240 µs for Vs < 3.5 V.
Table 9. Watchdog characteristics
Item
Pin
Symbol
Parameter
Test condition
Min
Typ
Item
Unit
A.035
Wi_LDO1,2
Vih_LDO1,2
Input high
voltage(1)
VS_LDO1,2 = 5 V; 13.5 V
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
0.7x
VO_LDO1,2
-
-
V
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 12/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com