Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 28Page - STMicroelectronics L99VR02XP Datasheet HTML 29Page - STMicroelectronics L99VR02XP Datasheet HTML 30Page - STMicroelectronics L99VR02XP Datasheet HTML 31Page - STMicroelectronics L99VR02XP Datasheet HTML 32Page - STMicroelectronics L99VR02XP Datasheet HTML 33Page - STMicroelectronics L99VR02XP Datasheet HTML 34Page - STMicroelectronics L99VR02XP Datasheet HTML 35Page - STMicroelectronics L99VR02XP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Tracking mode = 0 → If V(IN_TRK) and all the other conditions are correct OR if V(IN_TRK) is in UV condition but
softstart in ongoing on LDO, the LDO2 is powered un in tracking. Otherwise the power-up is in standalone
regulation mode.
Figure 50. Finite state machine
RAMP in
tracking mode
Stand alone
reg.
RAMP
in stand alone
reg.
LDO2
OFF
Detrack
procedure
Tracking
mode reg.
en LDO2 discharge & wait
for LDO2_UV=1
LDO2_UV=1
ramp elapsed
ramp elapsed
EN=0 OR UVLO
EN=0 OR UVLO
TRK_COND=F
TRK_COND=T
TRK_COND=F
TRK_COND:
*(UV masked during LDO1 soft start)
EN_LDO2=1 &
1) TRK_MODE=1 &
IN_TRK_UV/OV=0
OR
2) TRK_MODE=0 &
SEL_LDO1=SEL_LDO2 &
TSD_LDO1=0 &UVLO VS_LDO1=0 &
IN_TRK_UV/OV=0*
In tracking mode, by LDO1 or an external regulator, in case of thermal shutdown which occurs on L99VR02XP or
LDO1 or undervoltage or overvoltage events detected on IN_TRK pin, LDO2 automatically goes in detracking
mode. In such case LDO2 is switched-off (VO_LDO2 = 0 V) in T_detrk time and resumes with soft start and works
as an independent regulator.
To activate the tracking functionality of the LDO2 again, it is necessary to reactivate the device with the EN.
Before activating LDO2 for tracking functionality, it is important that the reference to be tracked is stable, to avoid
detracking.
Figure 51. Power-up when LDO2 is tracker of LDO1
VO1
VO2
t
Tracking
t
L99VR02XP
Application information
DS14686 - Rev 1
page 32/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com