Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 35Page - STMicroelectronics L99VR02XP Datasheet HTML 36Page - STMicroelectronics L99VR02XP Datasheet HTML 37Page - STMicroelectronics L99VR02XP Datasheet HTML 38Page - STMicroelectronics L99VR02XP Datasheet HTML 39Page - STMicroelectronics L99VR02XP Datasheet HTML 40Page - STMicroelectronics L99VR02XP Datasheet HTML 41Page - STMicroelectronics L99VR02XP Datasheet HTML 42Page - STMicroelectronics L99VR02XP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
6
PowerSSO-36 PCB thermal data
Figure 58. PowerSSO-36 on two-layers PCB (2s0p to JEDEC JESD 51-5)
Note:
Layout condition of Rth and Zth measurements (board finish thickness 1.6 mm ±10% board double layer, board
dimension 129x60, board material FR4, Cu thickness 0.070 mm (front and back side), thermal vias separation
1.2 mm, thermal via diameter 0.3 mm ±0.08 mm,Cu thickness on vias 0.025 mm).
L99VR02XP
PowerSSO-36 PCB thermal data
DS14686 - Rev 1
page 39/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com