Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 12Page - STMicroelectronics L99VR02XP Datasheet HTML 13Page - STMicroelectronics L99VR02XP Datasheet HTML 14Page - STMicroelectronics L99VR02XP Datasheet HTML 15Page - STMicroelectronics L99VR02XP Datasheet HTML 16Page - STMicroelectronics L99VR02XP Datasheet HTML 17Page - STMicroelectronics L99VR02XP Datasheet HTML 18Page - STMicroelectronics L99VR02XP Datasheet HTML 19Page - STMicroelectronics L99VR02XP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
2.4
Electrical characteristics curves
Figure 4. Output voltage vs TJ
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
0
20
40
60
80
100
120
140
160
TJ (⁰C)
5V
3V3
2V8
2V5
1V8
1V5
1V2
0V8
Io = 1mA
Vs = 13.5V
Figure 5. Output voltage vs VS_LDO1,2
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
1
2
3
4
5
6
7
8
VS_LDO1,2 (V)
5V
3.3V
2.8V
2.5V
1.8V
1.5V
1.2V
0.8V
IO =
250mA
Ta = 25 ⁰C
Figure 6. Drop voltage vs output current
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
50
100
150
200
250
Io (mA)
Ta = 25 ⁰C
5V
3V3
2V8
2V5
1V8
Figure 7. Current consumption vs output current
0.0
0.3
0.6
0.9
1.2
1.5
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
Iout_LDO1,2 (mA)
Vs = 13.5V
Ta = 25 ⁰C
5V
3V3
2V8
2V5
1V8
1V5
1V2
0V8
Figure 8. Current consumption vs input voltage
(IO < 1 mA)
0.0
0.1
0.2
0.3
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VS_LDO1,2 (V)
IO < 1mA
Ta = 25 ⁰C
Figure 9. Current consumption vs input voltage
(IO = 50 mA)
0.0
0.5
1.0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VS_LDO1,2 (V)
IO = 50mA
Ta = 25 ⁰C
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 16/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com