Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 24Page - STMicroelectronics L99VR02XP Datasheet HTML 25Page - STMicroelectronics L99VR02XP Datasheet HTML 26Page - STMicroelectronics L99VR02XP Datasheet HTML 27Page - STMicroelectronics L99VR02XP Datasheet HTML 28Page - STMicroelectronics L99VR02XP Datasheet HTML 29Page - STMicroelectronics L99VR02XP Datasheet HTML 30Page - STMicroelectronics L99VR02XP Datasheet HTML 31Page - STMicroelectronics L99VR02XP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
4.7
Thermal warning and thermal shutdown
To warn the microcontroller about a severe temperature increase, two thermal warning outputs have been
implemented (one for each regulator). Through TC_CONF it is possible to set the management of a thermal
shutdown event.
Table 18. TC_CONF setup
Event
TC_CONF in DEFAULT conf. (TC_CONF = GND)
TC_CONF in OR conf. (TC_CONF
= VS_LDO1)
THERMAL
SHUTDOWN
LDO1 and LDO2 are fully independent of each other and
monitored by two different thermal clusters
In tracking mode: if LDO1 is in thermal shutdown and
TRK_MODE = GND (see the Table 19), LDO2 is untied by LDO1
and keeps the normal activity. In case of TRK_MODE = VS,
LDO2 is fully independent by LDO1 and keeps the normal activity
according to the behavior of an external voltage regulator
If LDO1 is in thermal shutdown,
also LDO2 is switched off
If LDO2 is in thermal shutdown,
LDO1 keeps the normal activity
OVERVOLTAGE/
THERMAL
WARNING
Events indicated respectively on the TW_LDO1 and TW_LDO2
pins
Events indicated respectively on the
TW_LDO1 and TW_LDO2 pins
If a cluster of the device detects a junction temperature above Twarn_LDO1,2, the relative advanced thermal
warning (TW_LDO1,2) pin is pulled low while the specific voltage regulator and its features are still active. The
TW_LDO1,2 pin returns to its high logic level (equal to VO_LDO1,2 output value) once the temperature falls below
the threshold Twarn_LDO1,2 - Twarn_hyst_LDO1,2.
Figure 46. Thermal warning diagram
When junction temperature reaches the Tprot shutdown threshold the device is quickly shuts-off through the
internal fast output discharge circuit; to be reactivated, junction temperature has to decrease below Tprot -
Tprot_hyst. Being TW_LDO1,2 open-drain outputs an external resistance (RTW) is needed between the
TW_LDO1,2 pins and the VO_LDO1,2 pins. The external resistance value can be in a range between 4.7 kΩ and
20 kΩ. Be aware that the current flowing through the TW_LDO1,2 pins drawn from VO_LDO1,2 when the
TW_LDO1,2 pins are pulled low may affect the watchdog activation/deactivation based on the regulator output
current consumption monitoring. Leave floating if not used.
4.8
Thermal clusters
To provide an advanced on-chip temperature control, the L99VR02XP outputs are split in two different
temperature clusters with dedicated thermal sensors; the sensors are suitably located on the device (see the
Figure 47). If the temperature of a cluster reaches the thermal protection threshold (Tprot), only the relevant output
is turned off while the other output remain active.
Thermal clusters can be configured according to the Table 16 using TC_CONF pin:
L99VR02XP
Application information
DS14686 - Rev 1
page 28/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com