Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics L99VR02XP Datasheet HTML 10Page - STMicroelectronics L99VR02XP Datasheet HTML 11Page - STMicroelectronics L99VR02XP Datasheet HTML 12Page - STMicroelectronics L99VR02XP Datasheet HTML 13Page - STMicroelectronics L99VR02XP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Item
Pin
Symbol
Parameter
Test condition
Min
Typ
Max Unit
A.011
VO_LDO1,2
Ishort_LDO1,2
Short circuit
current upper
value
VS_LDO1,2 = 4 V for Vo_LDO1,2= 3.3
V
VS_LDO1,2 = 5.8 V for Vo_LDO1,2 = 5
V with
Ishort_LDO1,2 pin floating
Ishort_LDO1,2 > IO_LDO1,2
270
405
540
mA
A.012
VS_LDO1,2,
VO_LDO1,2
∆VO_LDO1,2/
VO_LDO1,2
Static line
regulation
VS_LDO1,2 is from Vs_low(2) to 18 V
IO_LDO1,2 = 1mA; 100 mA; 250 mA
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
-
-
1
%
∆VO_LDO1,2/
VO_LDO1,2
Dynamic line
regulation(3)
VS_LDO1,2 is from Vs_low(2) to 18 V
Tr, f = 1 ms
IO_LDO1,2 = 1 mA; 50 mA; 250 mA
VO_LDO1,2 = 3.3 V
VO_LDO1,2 = 5 V
-
-
3
%
A.013
VO_LDO1,2
∆VO_LDO1,2/
VO_LDO1,2
Static load
regulation(4)
IO_LDO1,2 = 1 mA to 100 mA
VO_LDO1,2 = 3.3 V
VS_LDO1,2 = 5 V
VO_LDO1,2= 5 V
VS_LDO1,2 = 6 V
-
-
1
%
∆VO_LDO1,2/
VO_LDO1,2
Dynamic load
regulation(3)(4)
IO_LDO1,2 = 10 mA to 100 mA
Tr, f = 10 μs
VO_LDO1,2 = 3.3 V
VS_LDO1,2 = 5 V
VO_LDO1,2= 5 V
VS_LDO1,2 = 6 V
-
-
3
%
A.014
VS_LDO1,2
VO_LDO1,2
Vdp_LDO1,2
Drop voltage(5)
IO_LDO1,2 = 250 mA
VO_LDO1,2 = 5 V
-
-
500
mV
Vdp_LDO1,2
IO_LDO1,2 = 250 mA
VO_LDO1,2 = 3.3 V
-
-
Vdp_LDO1,2
IO_LDO1,2 = 250 mA
VO_LDO1,2 = 2.8 V
-
-
Vdp_LDO1,2
IO_LDO1,2 = 250 mA
VO_LDO1,2 = 2.5 V
-
-
Vdp_LDO1,2
IO_LDO1,2 = 250 mA
VO_LDO1,2 = 1.8 V
-
-
A.015
VS_LDO1,2
VO_LDO1,2
PSRR(3)
Power supply
rejection ratio
VS = 13.5 V
VO = 5 V
IO = 250 mA
fr = 1 kHz
-
75(3)
-
dB
A.017
VS_LDO1,2
VO_LDO1,2
Iqn_LDO1,2
Current
consumption with
regulator disabled
Iqn_LDO1,2 =
IS_LDO1,2 -
IO_LDO1,2
VS_LDO1,2 = 3.5 V; 13.5 V
EN_LDO1,2 = Low
-
-
1
µA
L99VR02XP
Electrical specifications
DS14686 - Rev 1
page 10/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com