Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99VR02XP Datasheet(PDF) 5 Page - STMicroelectronics

Part # L99VR02XP
Description  Dual automotive linear voltage regulator with configurable output voltage (2x250 mA current capability)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02XP Datasheet(HTML) 5 Page - STMicroelectronics

  L99VR02XP Datasheet HTML 1Page - STMicroelectronics L99VR02XP Datasheet HTML 2Page - STMicroelectronics L99VR02XP Datasheet HTML 3Page - STMicroelectronics L99VR02XP Datasheet HTML 4Page - STMicroelectronics L99VR02XP Datasheet HTML 5Page - STMicroelectronics L99VR02XP Datasheet HTML 6Page - STMicroelectronics L99VR02XP Datasheet HTML 7Page - STMicroelectronics L99VR02XP Datasheet HTML 8Page - STMicroelectronics L99VR02XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
#
Pin name
Function
15
Wi_LDO1
Watchdog refresh input for LDO1.
If the square wave frequency at this input pin is too low, a low pulse at RST pin is generated.
16
Vcw_LDO1
Watchdog timer adjust for LDO1.
A capacitor between Vcw_LDO1 pin and GND sets the time response of the watchdog monitor.
17
TW_LDO1
Advanced thermal warning output.
If the device detects a junction temperature above the warning threshold, the pin is pulled low. If an
overvoltage condition occurs, a square wave is provided through the TW TW_LDO1 output. Leave
floating if not used.
18
TC_CONF
Thermal shutdown configuration
19
TRK_STAT
Output pin.
To indicate if LDO2 is in tracking mode.
20
TW_LDO2
Advanced Thermal warning output.
If the device detects a junction temperature above the warning threshold, the pin is pulled low. If an
overvoltage condition occurs, a square wave is provided through the TW_LDO2 output. Leave floating if
not used.
21
Vcw_LDO2
Watchdog timer adjust for LDO2.
A capacitor between Vcw_LDO2 pin and GND sets the time response of the watchdog monitor.
22
Wi_LDO2
Watchdog refresh input for LDO2.
If the square wave frequency at this input pin is too low, a low pulse at RST pin is generated.
23
IShort_LDO2
Programmable short circuit output current input pin for LDO2. A resistor between IShort_LDO2 pin and GND
sets the short circuit output current value
24
GND
Ground reference
25
Vcr_LDO2
Reset timing adjust for LDO2.
A capacitor between Vcr_LDO2 pin and GND sets the reset delay time (Trd). Leave floating if reset is not
used.
26
RST_LDO2
Reset output for LDO2.
It is pulled down when output voltage goes below VO_th or frequency at Wi_LDO2 is too low. Leave
floating if not used.
27
VO_LDO2
Voltage regulator output for LDO2.
Block to ground with a capacitor ≥ 3.3 µF (needed for regulator stability).
28
TRK_MODE Input pin selecting the tracking mode (either from LDO1 or an external regulator)
29
EN_LDO2
Enable input for LDO2.
With the enable high, regulator, watchdog and reset are operating. With the enable low, regulator,
watchdog and reset are shutdown, while the fast discharge circuit is turned on. Connect the Enable to
VS_LDO2 to keep the device always enabled
30
NC
-
31
VS_LDO2
Supply voltage for LDO2.
Block directly to ground with ceramic capacitor ≥ 4.7 μF and a 100 nF capacitator as close as possible to
the pin.
32
NC
-
33
SEL3_LDO2
Output voltage selectors for LDO2
34
SEL2_LDO2
35
SEL1_LDO2
36
NC
-
TAB
-
The TAB is connected to ground
L99VR02XP
Block diagram and pin description
DS14686 - Rev 1
page 5/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com