Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet (PDF) - TriQuint Semiconductor

AP561-F Datasheet PDF - TriQuint Semiconductor
Part # AP561-F
Download  AP561-F Download
File Size   1537.23 Kbytes
Page   15 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 0.7-2.9 GHz WiMAX 8W Power Amplifier

AP561-F Datasheet (PDF)

Go To PDF Page Download Datasheet
AP561-F Datasheet PDF - TriQuint Semiconductor

Part # AP561-F
Download  AP561-F Click to download

File Size   1537.23 Kbytes
Page   15 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 0.7-2.9 GHz WiMAX 8W Power Amplifier

AP561-F Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - AP561-F

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561-F TRIQUINT-AP561-F Datasheet
1Mb / 17P
0.7-2.9 GHz 8W HBT Power Amplifier
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
0.7-2.9 GHz 8W HBT Power Amplifier
More results


Similar Description - AP561-F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000074-PKG001 MACOM-MAAP-000074-PKG001 Datasheet
187Kb / 5P
Amplifier, Power, 8W 2.0-8.0 GHz
MAAP-000074-PED000 MACOM-MAAP-000074-PED000 Datasheet
426Kb / 8P
Amplifier, Power, 8W 2.0-8.0 GHz
MAAPGM0074-DIE MACOM-MAAPGM0074-DIE Datasheet
517Kb / 7P
Amplifier, Power, 8W 2.0-8.0 GHz
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
0.7-2.9 GHz 8W HBT Power Amplifier
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com