Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AP561-F Datasheet HTML 1Page - TriQuint Semiconductor AP561-F Datasheet HTML 2Page - TriQuint Semiconductor AP561-F Datasheet HTML 3Page - TriQuint Semiconductor AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 1 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
Product Features
• 0.7 – 2.9 GHz
• +39 dBm P1dB
• 13 Gain
• 1.5% EVM @ 30 dBm Pout
• +12 V Supply Voltage
• Lead-free/green/RoHS-compliant
5x6 mm power DFN package
Applications
• WiMAX CPE/BTS
• WiBro CPE/BTS
Product Description
The AP561 is a high dynamic range broadband power
amplifier in a surface mount package. The single-stage
amplifier has 13 dB Gain, while being able to achieve high
performance for 0.7–2.9 GHz applications with up to +39
dBm of compressed 1dB power.
The AP561 uses a high reliability +12V InGaP/GaAs HBT
process technology. The device incorporates proprietary
bias circuitry to compensate for variations in linearity and
current draw over temperature. The device does not require
any negative bias voltage; an internal active bias allows the
AP561 to operate directly off a commonly used +12V
supply and has the added feature of a +5V power down
control pin.
RoHS-compliant 5x6mm DFN package is
surface mountable to allow for low manufacturing costs to
the end user.
The AP561 is targeted for use in a balanced or single ended
configuration for WiMAX or WiBro applications where
high linearity and high power is required.
Functional Diagram
Function
Pin No.
RFIN
4,5,6
RFOUT
9,10,11
IREF
14
VBIAS
1
NC
2,3,7,8,12,13
Specifications
Parameter
Units
Min
Typ
Max
Operational Bandwidth
GHz
0.7
2.9
Test Frequency
GHz
2.6
Output Channel Power
dBm
+30
Power Gain
dB
13.1
Input Return Loss
dB
13
Output Return Loss
dB
6.2
Error Vector Magnitude
%
1.5
Operating Current, Icc
mA
480
Collector Efficiency
%
17.6
RF Switching Speed
ns
50
Output P1dB
dBm
39.0
Noise Figure
dB
5.3
Quiescent Current, Icq
mA
300
Vpd(4)
V
+5
Vcc
V
+12
Notes:
1. Test conditions unless otherwise noted: T = 25ºC, Vpd = +5V, Vcc = +12, Icq = 300mA at Pout = +30
dBm and f = 2.6 GHz.
2. Using an 802.16-2004 OFDMA, 64QAM-1/2,1024-FFT, 20 symbols, 30 subchannels signal, 9.5
dB PAR @ 0.01%.
3. Switching speed: 50% TTL to 100/0% RF.Vpd used for device power down (low=RF off).
4. Vpd relates to Iref as shown in Table 1 on Page 12.
5. Capable of handling 10:1 VSWR @ 12 VDC, WiMax signal, PoutAVG = 30dBm.
Absolute Maximum Rating
Parameter
Rating
Pin max (CW into 50
Ω load)
+33 dBm
BVcbo
35V
Pdiss max
14 W
Supply Voltage
15V
Storage Temperature
-55 to +125 ºC
Max Junction Temperature, TJ,max
158 ºC
Thermal Resistance, ΘJC
8.4
°C / W
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
Parameter
Units
Typical
Test Frequency
GHz
2.5
2.6
2.7
Channel Power
dBm
+30
+30
+30
Power Gain
dB
13.4
13.1
12.2
Input Return Loss
dB
12
13
16
Output Return Loss
dB
6.4
6.2
4.3
Error Vector Magnitude
%
2.2
1.5
2.1
Operating Current, Icc
mA
510
480
490
Collector Efficiency
%
15.8
17.6
16
Output P1dB
dBm
39.7
39.0
37.6
Noise Figure
dB
5
5.3
6.2
Quiescent Current, Icq
mA
300
Vpd
V
+5
Vcc
V
+12
Ordering Information
Part No.
Description
AP561-F
WiMAX 12V 8W HBT Amplifier
AP561-PCB2500
2.5-2.7 GHz Fully Assembled Evaluation Board
Standard T/R size = 500 pieces on a 7” reel.


Similar Part No. - AP561-F

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
AP561-F TRIQUINT-AP561-F Datasheet
1Mb / 17P
0.7-2.9 GHz 8W HBT Power Amplifier
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
0.7-2.9 GHz 8W HBT Power Amplifier
More results

Similar Description - AP561-F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000074-PKG001 MACOM-MAAP-000074-PKG001 Datasheet
187Kb / 5P
Amplifier, Power, 8W 2.0-8.0 GHz
MAAP-000074-PED000 MACOM-MAAP-000074-PED000 Datasheet
426Kb / 8P
Amplifier, Power, 8W 2.0-8.0 GHz
MAAPGM0074-DIE MACOM-MAAPGM0074-DIE Datasheet
517Kb / 7P
Amplifier, Power, 8W 2.0-8.0 GHz
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
0.7-2.9 GHz 8W HBT Power Amplifier
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
3.3-3.8 GHz WiMAX Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com