Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 2 Page - TriQuint Semiconductor

  AP561-F Datasheet HTML 1Page - TriQuint Semiconductor AP561-F Datasheet HTML 2Page - TriQuint Semiconductor AP561-F Datasheet HTML 3Page - TriQuint Semiconductor AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 2 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
Application Circuit PC Board Layout
Circuit Board Material: 0.0147” Rogers Ultralam 2000, single layer, 1 oz
copper,
εr = 2.45, Microstrip line details: width = .043”, spacing = .050”
Baseplate Configuration
Notes:
1.
Please note that for reliable operation, the evaluation board will have to be mounted to a much
larger heat sink during operation and in laboratory environments to dissipate the power
consumed by the device. The use of a convection fan is also recommended in laboratory
environments.
2.
The area around the module underneath the PCB should not contain any soldermask in order to
maintain good RF grounding.
3.
For proper and safe operation in the laboratory, the power-on sequencing is recommended.
Evaluation Board Bias Procedure
Following bias procedure is recommended to ensure proper functionality of AP561 in a laboratory environment. The sequencing is not
required in the final system application.
Bias.
Voltage (V)
Vcc
+12
Vpd
+5
Turn-on Sequence:
1.
Attach input and output loads onto the evaluation board.
2.
Turn on power supply Vcc = +12V.
3.
Turn on power supply Vpd = +5V.
4.
Turn on RF power.
Turn-off Sequence:
1.
Turn off RF power.
2.
Turn off power supply Vpd = +5V.
3.
Turn off power supply Vcc = +12V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com