Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 13 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 13 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor AP561-F Datasheet HTML 12Page - TriQuint Semiconductor AP561-F Datasheet HTML 13Page - TriQuint Semiconductor AP561-F Datasheet HTML 14Page - TriQuint Semiconductor AP561-F Datasheet HTML 15Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-408-577-6300 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 13 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
2.5 – 2.7 GHz Application Note: Changing Icq Biasing Configurations
The AP561 can be configured to operate with lower bias current by varying the bias-adjust resistor R2. (Table 1) The
recommended circuit configurations shown previously in this datasheet have the device operating with a 300 mA as the
quiescent current (ICQ). This biasing level represents a tradeoff in terms of EVM and efficiency. Lowering ICQ will improve
upon the efficiency of the device, but degrade the EVM performance. Measured data shown in the plots below represents the
AP561-PCB2500 measured and configured for 2.6GHz applications. It is expected that variation of the bias current for other
frequency applications will produce similar performance results.
Table 1 : Reduced Current Operation
Icq
(mA)
R2
(Ω)
VPD
(V)
IREF
(V)
300
330
5
2.85
280
336
5
2.81
260
240
5
2.78
240
343
5
2.76
220
348
5
2.73
200
351
5
2.71
EVM vs. Output Average Power vs. Icq
Freq = 2.6 GHz, T= 25ºC
0
1
2
3
4
5
20
22
24
26
28
30
32
34
Output Power (dBm)
200mA
220mA
240mA
260mA
280mA
300mA
Efficiency vs. Output Average Power vs Icq
Freq = 2.6 GHz, T= 25ºC
0
5
10
15
20
25
30
20
22
24
26
28
30
32
34
Output Power (dBm)
200mA
220mA
240mA
260mA
280mA
300mA
Power Gain vs. Output Average Power vs. Icq
Freq = 2.6GHz, T= 25ºC
9
10
11
12
13
14
20
22
24
26
28
30
32
Output Power (dBm)
200mA
220mA
240mA
260mA
280mA
300mA
Power Gain vs.Frequency vs. Icq
Vcc = 12V, T= 25ºC
9
10
11
12
13
14
2.4
2.5
2.6
2.7
2.8
Frequency (GHz)
200mA
220mA
240mA
260mA
280mA
300mA
Icc vs. Output Average Power vs. Icq
Freq = 2.6 GHz, T= 25ºC
200
300
400
500
600
700
20
22
24
26
28
30
32
34
Output Power (dBm)
200mA
220mA
240mA
260mA
280mA
300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com