Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor AP561-F Datasheet HTML 12Page - TriQuint Semiconductor AP561-F Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-408-577-6300 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 9 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
2.3-2.4 GHz Reference Design
Typical O-FDMA Performance at 25
°C
Frequency (GHz)
2.3
2.35
2.4
Units
Channel Power
+30
+30
+30
dBm
Power Gain
14.5 14.5
14
dB
Input Return Loss
12
16
20
dB
Output Return Loss
7.3
7.6
6.8
dB
EVM
1.9
1.6
1.6
%
Operating Current, Icc 515
490
475
mA
Collector Efficiency
16
16.8
17.8
%
Output P1dB
39.7
39
38
dBm
Quiescent Current, Icq
300
mA
Vpd
+5
V
Vcc
+12
V
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd or damage to D1 will occur.
3.
Do not exceed 13V on Vcc or damage to D2 will occur.
4.
Components shown on the silkscreen but not on the schematic are not used.
5.
The edge of C25 is placed at 55mil from AP561 RFout pin. (5.6 o @ 2350 MHz)
6.
The edge of C26 is placed next to the edge of C25.
7.
The edge of C27 is placed 75mil from the edge of C26. (7.7 o @ 2350 MHz)
8.
The edge of C24 is placed at 40mil from AP561 RFin pin. (4.1 o @ 2350 MHz)
9.
The edge of C23 is placed next to the edge of C24.
10. 0
Ω jumpers can be replaced with copper trace in target application.
2.3-2.4 GHz Application Circuit Performance Plots
802.16-2004 O-FDMA, 64QAM-1/2, 1024-FFT, 20 symbols and 30 subchannels. 9.5 dB PAR @ 0.01%, 5 MHz Carrier BW
Gain vs. Frequency
T=25°C
10
11
12
13
14
15
2.25
2.30
2.35
2.40
2.45
Frequency (GHz)
Return Loss
T=25°C
-30
-25
-20
-15
-10
-5
0
2.25
2.30
2.35
2.40
2.45
Frequency (GHz)
S11
S22
Efficiency vs Output Average Power vs. Frequency
T=25°C
0
5
10
15
20
22
23
24
25
26
27
28
29
30
31
32
Output Power (dBm)
2.3 GHz
2.35 GHz
2.4 GHz
Current vs Output Average Power vs. Frequency
T=25°C
100
200
300
400
500
600
22
23
24
25
26
27
28
29
30
31
32
Output Power (dBm)
2.3 GHz
2.35 GHz
2.4 GHz
EVM vs. Output Average Power vs. Frequency
T=25°C
0
1
2
3
4
5
22
24
26
28
30
32
Output Power (dBm)
2.3 GHz
2.35 GHz
2.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com