Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor AP561-F Datasheet HTML 12Page - TriQuint Semiconductor AP561-F Datasheet HTML 13Page - TriQuint Semiconductor AP561-F Datasheet HTML 14Page - TriQuint Semiconductor AP561-F Datasheet HTML 15Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-408-577-6300 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 11 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
Icc vs. Output Average Power vs. Vcc
Freq = 2.6GHz, T = 25ºC
200
400
600
800
20
22
24
26
28
30
32
34
Output Power (dBm)
+8V
+10V
+12V
+14V
Efficiency vs. Output Average Power vs. Vcc
Freq = 2.6GHz , T = 25ºC
0
5
10
15
20
25
30
35
40
20
22
24
26
28
30
32
34
Output Power (dBm)
+8V
+10V
+12V
+14V
EVM vs. Output Average Power vs. Vcc
Freq = 2.6GHz, T = 25ºC
0
1
2
3
4
5
20
22
24
26
28
30
32
34
Output Power (dBm)
+8V
+10V
+12V
+14V
OIP3 vs. Output Power / Tone
30
35
40
45
50
55
22
24
26
28
30
32
Output Power/Tone (dBm)
2.5GHz
2.6GHz
2.7GHz
IMD3 vs. Output Power / Tone
-55
-50
-45
-40
-35
-30
20
22
24
26
28
30
Output Power/Tone (dBm)
2.5GHz
2.6GHz
2.7GHz
Power Gain vs Temperature
10
11
12
13
14
-50
-30
-10
10
30507090
Temperature (°C)
2.5 GHz
2.6 GHz
2.7 GHz
EVM vs. Frequency
0
1
2
3
4
2.5
2.55
2.6
2.65
2.7
Frequency (GHz)
+25°C
-40°C
+85°C
EVMvs. Output Average Power
0
1
2
3
4
20
22
24
26
28
30
32
Output Power (dBm)
2.5 GHz
2.6 GHz
2.7 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com