Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor AP561-F Datasheet HTML 12Page - TriQuint Semiconductor AP561-F Datasheet HTML 13Page - TriQuint Semiconductor AP561-F Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-408-577-6300 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 10 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
2.5-2.7 GHz Application Circuit (AP561-PCB2500)
Typical O-FDMA Performance at 25
°C
Frequency (GHz)
2.5
2.6
2.7
Units
Channel Power
+30
+30
+30
dBm
Power Gain
13.4 13.1
12.2
dB
Input Return Loss
12
13
16
dB
Output Return Loss
6.4
6.2
4.3
dB
EVM
2.2
1.5
2.1
%
Operating Current, Icc 510
480
490
mA
Collector Efficiency 15.8 17.6
16
%
Output P1dB
39.7 39.0
37.6
dBm
Quiescent Current, Icq
300
mA
Vpd
+5
V
Vcc
+12
V
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd or damage to D1 will occur.
3.
Do not exceed 13V on Vcc or damage to D2 will occur.
4.
Components shown on the silkscreen but not on the schematic are not used.
5.
The edge of C23 is placed right next to C24.
6.
The edge of C24 is placed at 85mil from AP561 RFout pin. (9.6 o @ 2.6 GHz)
7.
The edge of C25 is placed at 56mil from AP561 RFin pin. (6.3 o @ 2.6 GHz)
8.
The edge of C26 is placed right next to C25.
9.
The edge of C27 is placed 55mil from the edge of C26. (6.2 o @ 2.6 GHz)
10. 0
Ω jumpers can be replaced with copper trace in target application.
2.5-2.7 GHz Application Circuit Performance Plots
802.16-2004 O-FDMA, 64QAM-1/2, 1024-FFT, 20 symbols and 30 subchannels. 9.5 dB PAR @ 0.01%, 5 MHz Carrier BW
Gain vs. Frequency
T=25°C
9
10
11
12
13
14
2.4
2.5
2.6
2.7
2.8
Frequency (GHz)
Return Loss vs. Frequency
T=25°C
-20
-15
-10
-5
0
2.4
2.5
2.6
2.7
2.8
Frequency (GHz)
S11
S22
P1dB vs. Frequency
32
34
36
38
40
42
2.4
2.5
2.6
2.7
2.8
Frequency (GHz)
+25C
-40C
+85C
NF vs. Frequency
Freq = 2.6GHz
4
5
6
7
8
9
2.42.5
2.62.7
2.8
Frequency (GHz)
- 40C
25C
+ 85C
Power Gain vs. Output Average Power vs. Vcc
Freq = 2.6GHz
10
11
12
13
14
24
26
28
30
32
34
36
38
40
Output Power (dBm)
+8V
+10V
+12V
+14V
Power Gain vs.Frequency vs. Vcc
T = 25C, Icq = 300mA
9
10
11
12
13
14
2.42.5
2.62.7
2.8
Frequency (GHz)
+8V
+10V
+12V
+14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com