Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 3Page - TriQuint Semiconductor AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 7 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
2010-2025 MHz Reference Design
Typical TD-SCDMA Performance at 25
°C
Frequency (MHz)
2010 2015
2025
Units
Channel Power
+27
+27
+27
dBm
Power Gain
13
13
13
dB
Input Return Loss
8.4
8.6
8.7
dB
Output Return Loss
6.7
6.6
6.4
dB
ACLR
-49
-49
-49
dBc
Operating Current, Icc 673
675
679
mA
Collector Efficiency 6.2
6.2
6.1
%
Output P1dB
37.4 37.3
37.1
dBm
Quiescent Current, Icq
600
mA
Vpd
+5
V
Vcc
+12
V
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd or damage to D1 will occur.
3.
Do not exceed 13V on Vcc or damage to D2 will occur.
4.
Components shown on the silkscreen but not on the schematic are not used.
5.
The edge of C31 is placed at 35mil from edge of AP561. (3.1 o @ 780 MHz)
6.
The edge of L1 next to the edge of C31.
7.
The edge of C34 is placed at 195mil from edge of AP561. (17.1 o @ 780 MHz)
8.
The edge of C33 is placed next to the edge of C34.
9.
0
Ω jumpers can be replaced with copper trace in target application.
2010-2025 MHz Application Circuit Performance Plots
TD-SCDMA 3 Carrier, PAR = 10 dB @ 0.01% Probability, 1.28 MHz BW
Gain vs Frequency
T=25°C
0
5
10
15
20
2.00
2.01
2.02
2.03
2.04
Frequency (GHz)
S21
Return Loss
T=25°C
-25
-20
-15
-10
-5
0
2.00
2.01
2.02
2.03
2.04
Frequency (GHz)
S11
S22
Efficiency vs Output Average Power vs. Frequency
T=25°C
0
3
6
9
12
15
20
21
22
23
24
25
26
27
28
29
30
Output Power (dBm)
2010 MHz
2015 MHz
2025 MHz
Current vs Output Average Power vs. Frequency
T=25°C
600
625
650
675
700
20
21
22
23
24
25
26
27
28
Output Power (dBm)
2010 MHz
2015 MHz
2025 MHz
ACLR vs. Output Average Power vs. Frequency
T=25°C
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
20
21
22
23
24
25
26
27
28
Output Power (dBm)
2010 MHz
2015 MHz
2025 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com