Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 5 Page - TriQuint Semiconductor

  AP561-F Datasheet HTML 1Page - TriQuint Semiconductor AP561-F Datasheet HTML 2Page - TriQuint Semiconductor AP561-F Datasheet HTML 3Page - TriQuint Semiconductor AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 5 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
869-894 MHz Reference Design
Typical W-CDMA Performance at 25
°C
Frequency (MHz)
869
880
894 Units
Channel Power
+28
+28
+28
dBm
Power Gain
15.7 15.8
15.7
dB
Input Return Loss
14
15
15
dB
Output Return Loss
9.8
10
11
dB
ACLR
-53
-52
-52
dBc
Operating Current, Icc 475
470
460
mA
Collector Efficiency
11
11.2
11.4
%
Output P1dB
39.6 39.5
39.4
dBm
Quiescent Current, Icq
300
mA
Vpd
+5
V
Vcc
+12
V
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd or damage to D1 will occur.
3.
Do not exceed 13V on Vcc or damage to D2 will occur.
4.
Components shown on the silkscreen but not on the schematic are not used.
5.
The edge of C26 is placed at 40mil from edge of AP561. (1.5 o @ 880 MHz)
6.
The edge of L1 is placed 60mil from the edge of C26. (2.3 o @ 880 MHz)
7.
The edge of C27 is placed 43 mil from the edge of L1. (1.6 o @ 880 MHz)
8.
The edge of C20 is placed 380mil from the edge of C27. (14.6 o @ 880 MHz)
9.
The edge of R5 is placed at 105mil from edge of AP561. (4 o @ 880 MHz)
10. The edge of C28 is placed 200mil from the edge of R5. (7.7 o @ 880 MHz)
11. 0
Ω jumpers can be replaced with copper trace in target application.
869-894 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 100% clipping, PAR = 10.2 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Frequency
T=25°C
14
15
16
17
18
0.86
0.87
0.88
0.89
0.90
Frequency (GHz)
Return Loss
T=25°C
-30
-25
-20
-15
-10
-5
0
0.86
0.87
0.88
0.89
0.90
Frequency (GHz)
S11
S22
Efficiency vs Output Average Power vs. Frequency
T=25°C
5
10
15
20
25
24
25
26
27
28
29
30
31
32
Output Power (dBm)
869 MHz
880 MHz
894 MHz
Current vs Output Average Power vs. Frequency
T=25°C
300
400
500
600
700
800
24
25
26
27
28
29
30
31
32
Output Power (dBm)
869 MHz
880 MHz
894 MHz
ACLR vs. Output Average Power vs. Frequency
T=25°C
-70
-65
-60
-55
-50
-45
-40
24
25
26
27
28
29
30
31
32
Output Power (dBm)
869 MHz
880 MHz
894 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com