Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 12 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 12 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor AP561-F Datasheet HTML 12Page - TriQuint Semiconductor AP561-F Datasheet HTML 13Page - TriQuint Semiconductor AP561-F Datasheet HTML 14Page - TriQuint Semiconductor AP561-F Datasheet HTML 15Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-408-577-6300 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 12 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
2.3-2.9 GHz Application Circuit
Typical O-FDMA Performance at 25
°C
Frequency (GHz)
2.3
2.6
2.9
Units
Channel Power
+30
+30
+30
dBm
Power Gain
11.8 11.5
12.1
dB
Input Return Loss
17
14
16
dB
Output Return Loss
3.3
4.0
5.9
dB
EVM
1.9
2.5
2.4
%
Operating Current, Icc 630
640
570
mA
Collector Efficiency
13
12.7
14.3
%
Output P1dB
40
39
39
dBm
Quiescent Current, Icq
300
mA
Vpd
+5
V
Vcc
+12
V
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd or damage to D1 will occur.
3.
Do not exceed 13V on Vcc or damage to D2 will occur.
4.
Components shown on the silkscreen but not on the schematic are not used.
5.
The edge of C26 is placed 10mil from C24. (1.1 o @ 2.6 GHz)
6.
The edge of L4 is placed right next to C26.
7.
The edge of C23 is placed next to AP561 RFout pin.
8.
The edge of C24 is placed right next to C23.
9.
The edge of C27 is placed at 50mil from AP561 RFin pin. (5.6 o @ 2.6 GHz)
10. The edge of C28 is placed right next to C27.
11. 0
Ω jumpers can be replaced with copper trace in target application.
2.3-2.9 GHz Application Circuit Performance Plots
802.16-2004 O-FDMA, 64QAM-1/2, 1024-FFT, 20 symbols and 30 subchannels. 9.5 dB PAR @ 0.01%, 5 MHz Carrier BW
Gain vs. Frequency
T=25°C
8
9
10
11
12
13
14
2.32.4
2.52.6
2.72.8
2.9
Frequency (GHz)
Return Loss vs. Frequency
T=25°C
-30
-25
-20
-15
-10
-5
0
2.02.2
2.42.6
2.8
3.0
Frequency (GHz)
S11
S22
Current vs. Output Average Power vs. Frequency
T=25°C
300
400
500
600
700
800
20
22
24
26
28
30
32
Output Power (dBm)
2.3 GHz
2.6 GHz
2.9 GHz
Efficiency vs Output Average Power vs Frequency
T=25°C
0
5
10
15
20
20
22
24
26
28
30
32
Output Power (dBm)
2.3 GHz
2.6 GHz
2.9 GHz
EVM vs. Output Average Power vs. Frequency
T=25°C
0
1
2
3
4
5
20
22
24
26
28
30
32
Output Power (dBm)
2.3 GHz
2.6 GHz
2.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com