Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor AP561-F Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-408-577-6300 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 8 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
2110-2170 MHz Application Circuit
Typical W-CDMA Performance at 25
°C
Frequency (MHz)
2110 2140 2170 Units
Channel Power
+28
+28
+28
dBm
Power Gain
13.5 13.8
13.1
dB
Input Return Loss
7.0
12
21
dB
Output Return Loss
12
8.0
6.1
dB
ACLR
-55
-59
-55
dBc
Operating Current, Icc 485
490
520
mA
Collector Efficiency 11.1 10.8
10.3
%
Quiescent Current, Icq
400
mA
Vpd
+5
V
Vcc
+12
V
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd or damage to D1 will occur.
3.
Do not exceed 13V on Vcc or damage to D2 will occur.
4.
Components shown on the silkscreen but not on the schematic are not used.
5.
The edge of C34 is placed at 65mil from AP561 RFout pin. (6 o @ 2140 MHz)
6.
The edge of C32 is placed 40mil from the edge of C34. (3.7 o @ 2140 MHz)
7.
The edge of C33 is placed 375mil from the edge of C32. (35 o @ 2140 MHz)
8.
The edge of C30 is placed at 100mil from AP561 RFin pin. (9.3 o @ 2140 MHz)
9.
The edge of C31 is placed 275mil from the edge of C30. (25.6 o @ 2140 MHz)
10. 0
Ω jumpers can be replaced with copper trace in target application.
2110-2170 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Frequency
T=25°C
10
11
12
13
14
15
2.00
2.10
2.20
2.30
Frequency (GHz)
Return Loss vs. Frequency
T=25°C
-35
-30
-25
-20
-15
-10
-5
0
2.00
2.10
2.20
2.30
Frequency (GHz)
S11
S22
Current vs Output Average Power vs. Frequency
T=25°C
300
350
400
450
500
550
600
15
17
19
21
23
25
27
29
Output Power (dBm)
2110 MHz
2140 MHz
2170 GHz
Efficiency vs Output Average Power vs. Frequency
T=25°C
0
5
10
15
20
15
17
19
21
23
25
27
29
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
ACLR vs. Output Average Power vs. Frequency
T=25°C
-70
-65
-60
-55
-50
-45
-40
15
17
19
21
23
25
27
29
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com