Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 3 Page - TriQuint Semiconductor

  AP561-F Datasheet HTML 1Page - TriQuint Semiconductor AP561-F Datasheet HTML 2Page - TriQuint Semiconductor AP561-F Datasheet HTML 3Page - TriQuint Semiconductor AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 3 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
Typical Device Data
S-Parameters (VCC= +12 V, ICC = 300 mA, 25 °C, unmatched 50 ohm system)
0246
Frequency (GHz)
Gain / Maximum Stable Gain
-40
-20
0
20
40
DB(GMax())
AP561
DB(|S(2,1)|)
AP561
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
6GHz
Swp Min
0.05GHz
S(1,1)
AP561
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
6GHz
Swp Min
0.05GHz
S(2,2)
AP561
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency, it is expected that
actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the red line.
S-Parameters (VCC = +12 V, ICQ = 300 mA, 25 °C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-0.83
-174.19
27.09
122.75
-43.35
29.12
-1.38
-106.01
100
-0.43
-177.42
22.26
106.35
-43.10
8.71
-1.82
-138.64
300
-0.35
179.26
14.06
89.18
-41.21
1.08
-2.02
-164.78
500
-0.32
177.35
9.81
79.93
-40.63
0.69
-2.10
-172.01
700
-0.34
175.28
7.08
71.64
-40.35
3.54
-2.09
-176.13
900
-0.40
173.11
5.19
63.88
-40.26
-3.79
-1.99
-177.89
1100
-0.47
170.97
3.82
55.72
-40.09
-9.55
-1.86
-178.93
1300
-0.53
168.26
2.80
47.12
-39.83
-16.44
-1.78
-179.77
1500
-0.59
165.56
2.18
37.92
-39.58
-23.59
-1.68
179.34
1700
-0.87
161.87
2.75
25.71
-38.56
-35.47
-1.67
177.40
1900
-1.14
158.99
2.84
12.58
-37.79
-49.59
-1.45
176.17
2100
-1.58
157.33
3.04
-4.10
-37.20
-69.96
-1.07
174.50
2300
-2.07
158.08
3.08
-26.45
-36.71
-98.60
-0.57
171.36
2500
-2.11
161.67
2.27
-53.16
-36.83
-134.34
-0.20
166.20
2700
-1.52
163.86
0.21
-79.14
-37.65
-170.26
-0.18
160.52
2900
-0.93
162.94
-2.57
-100.12
-38.71
157.51
-0.38
155.92
3100
-0.60
161.26
-5.57
-115.90
-39.66
133.27
-0.55
152.79
3300
-0.44
159.75
-8.55
-127.57
-40.18
115.97
-0.68
150.56
3500
-0.30
157.96
-11.15
-136.15
-40.26
102.36
-0.77
148.63
3700
-0.20
156.27
-13.44
-143.55
-40.26
94.11
-0.84
147.06
3900
-0.16
154.67
-15.57
-150.57
-39.83
85.11
-0.87
145.70
4100
-0.14
152.82
-17.53
-157.27
-39.91
78.44
-0.87
144.40
4300
-0.15
150.80
-19.35
-163.61
-39.49
72.37
-0.86
143.38
4500
-0.13
148.32
-21.11
-170.25
-39.09
66.71
-0.89
142.13
Device S-parameters are available for download off of the website at: http://www.tqs.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com