Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 14 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 14 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor AP561-F Datasheet HTML 11Page - TriQuint Semiconductor AP561-F Datasheet HTML 12Page - TriQuint Semiconductor AP561-F Datasheet HTML 13Page - TriQuint Semiconductor AP561-F Datasheet HTML 14Page - TriQuint Semiconductor AP561-F Datasheet HTML 15Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-408-577-6300 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www. TriQuint.com
Page 14 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
Parameter Measurement Information
Switching Speed Test
Test Conditions:
Vcc = +12V at 25oC
Output Power = +30dBm @ 2.5 GHz
Rep Rate = 1 KHz, 50% duty cycle
Vpd amplitude = +5V
R2=200 ohms, C9=12pF
(C10, C11 removed for best switching
performance)
Xtal Detector Voltage =15mV (square law)
Test Result Waveforms:
CW Signal Source
Pulse Generator
Oscilloscope
Diode Detector
AP56x Evaluation Brd
Attenuator
Cable Length = Lx
Cable Length = Lx
+ve
-ve
Cable Length = Lx
Vpd
Vpd = +5V
Vpd = +0V
RF On
Vpd = +5V
Delay = 50nS
RF On
Vpd = +5V
Delay = 50nS
RF Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com