Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP561-F Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # AP561-F
Description  0.7-2.9 GHz WiMAX 8W Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AP561-F Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button AP561-F Datasheet HTML 2Page - TriQuint Semiconductor AP561-F Datasheet HTML 3Page - TriQuint Semiconductor AP561-F Datasheet HTML 4Page - TriQuint Semiconductor AP561-F Datasheet HTML 5Page - TriQuint Semiconductor AP561-F Datasheet HTML 6Page - TriQuint Semiconductor AP561-F Datasheet HTML 7Page - TriQuint Semiconductor AP561-F Datasheet HTML 8Page - TriQuint Semiconductor AP561-F Datasheet HTML 9Page - TriQuint Semiconductor AP561-F Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
• Phone 1-800-951-4401 • FAX: 408-577-6633 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 6 of 15 May 2009
AP561
0.7-2.9 GHz WiMAX 8W Power Amplifier
1930-1990 MHz Reference Design
Typical W-CDMA Performance at 25
°C
Frequency (MHz)
1930 1960 1990 Units
Channel Power
+28
+28
+28
dBm
Power Gain
15.3 15.4
15.3
dB
Input Return Loss
12
16
18
dB
Output Return Loss
7.7
7.6
7.5
dB
ACLR
-49
-49
-51
dBc
Operating Current, Icc 440
430
425
mA
Collector Efficiency 11.7
12
12.3
%
Output P1dB
39.1 38.7
38.2
dBm
Quiescent Current, Icq
300
mA
Vpd
+5
V
Vcc
+12
V
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd or damage to D1 will occur.
3.
Do not exceed 13V on Vcc or damage to D2 will occur.
4.
Components shown on the silkscreen but not on the schematic are not used.
5.
The edge of C34 is placed at 95mil from edge of AP561. (8.1 o @ 1960 MHz)
6.
The edge of C33 is placed 375mil from the edge of C34. (32 o @ 1960 MHz)
7.
The edge of C20 is placed 65mil from the edge of C33. (5.6 o @ 1960 MHz)
8.
The edge of C31 is placed 60mil from edge of AP561. (5.1 o @ 1960 MHz)
9.
The edge of C30 is placed next to the edge of C31
10. The edge of C2 is placed 435mil from the edge of C30. (37.2 o @ 1960 MHz)
11. 0
Ω jumpers can be replaced with copper trace in target application.
1930-1990 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 100% clipping, PAR = 10.2 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Frequency
T=25°C
14
15
16
17
18
1.92
1.94
1.96
1.98
2.00
Frequency (GHz)
Return Loss
T=25°C
-30
-25
-20
-15
-10
-5
0
1.92
1.94
1.96
1.98
2.00
Frequency (GHz)
S11
S22
Efficiency vs Output Average Power vs. Frequency
T=25°C
5
10
15
20
25
24
25
26
27
28
29
30
31
32
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
Current vs Output Average Power vs. Frequency
T=25°C
300
400
500
600
700
800
24
25
26
27
28
29
30
31
32
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
ACLR vs. Output Average Power vs. Frequency
T=25°C
-60
-55
-50
-45
-40
-35
-30
24
25
26
27
28
29
30
31
32
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com