Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 31Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 33Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 34Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
DSP Subsystem Functional Overview
23
June 2001 – Revised December 2002
SPRS180C
3.4.2 DSP Direct Memory Access (DMA) Controller
The DSP subsystem includes a six-channel DMA controller, for performing data transfers independent of the
DSP. There are several limitations that the 5471 DMA controller places on its DMA transfers. The DMA
controller has no access to the RAMs that are normally in program space, cannot access RAMs that are
implemented in the MCU subsystem, and cannot access the RAM block in DSP data space that is connected
to the API interface. The DMA controller cannot transfer between the McBSP DRR and DXR registers, nor
can it transfer between McBSP DRR or DXR registers and external resources. The DMA controller cannot
perform 32-bit accesses to external resources.
3.4.2.1
DMA Controllers View of the DSP Memory Map
Note that the DMA controller has access only to the data space DARAM at 0x0080 to 0x1FFF and the data
space SARAMs that are at 0x4000 to 0x7FFF. It does not have access to any of the SARAMs in program
space between 0x6000 and 0xFFFF, or to the API DARAM at 0x2000 to 0x3FFF. The API module has access
to the 8K x 16 DARAM block at data space 0x2000 to 0x3FFF. Note also that the DMA controller can access
external data space devices with extended addressing, while the DSP can only access page 0 of external data
space.
3.4.2.2
DSP DMA External Access
The DMA supports external accesses to extended program space, extended data space, and extended I/O
space.
•
No more than one channel may be programmed for external writes at any time
•
No more than one channel may be programmed for external reads at any time
•
Only single-word transfers are supported for external accesses.
•
The DMA does not support transfers from peripherals to external memory.
•
The DMA does not support transfers from external memory to the peripherals.
3.4.2.3
DSP DMA Transfers in Doubleword Mode (Internal Only)
Doubleword mode allows the DMA to transfer 32-bit words in any index mode. In doubleword mode, two
consecutive 16-bit transfers are initiated and the source and destination addresses are automatically updated
following each transfer. In this mode, each 32-bit word is considered to be one element.
3.4.2.4
DSP DMA Interrupts
The ability of the DMA to interrupt the DSP based on the status of the data transfer is configurable and is
determined by the IMOD and DINM bits in the DMA channel mode control register (DMMCRn). The available
modes are shown in Table 3–8.
Table 3–8. DMA Interrupts
MODE
DINM
IMOD
INTERRUPT
ABU (non-decrement)
1
0
At full buffer only
ABU (non-decrement)
1
1
At half buffer and full buffer
Multi-Frame
1
0
At block transfer complete (DMCTRn = DMSEFCn[7:0] = 0)
Multi-Frame
1
1
At end of frame and end of block (DMCTRn = 0)
ABU or Multi-Frame
0
X
No interrupt generated
ABU or Multi-Frame
0
X
No interrupt generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com