Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 6Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 7Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 8Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 9Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 10Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 11Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 12Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 13Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
Features
1
June 2001 – Revised December 2002
SPRS180C
1
TMS320VC5471 Features
D Dual CPU Processor Integrating a
TMS320C54x
 DSP and an ARM7TDMI
RISC MCU
D 16-Bit Low-Power DSP With 72K x 16-bit
Integrated SRAM Operates at up to
100 MHz
D Smart Power Management and Low-Power
Modes for DSP and MCU Subsystems
D Integrated DSP Subsystem Peripherals
– Two High-Speed, Full-Duplex
Multichannel Buffered Serial Ports
(McBSPs) Allowing the DSP Core to
Interface Directly With CODECs
– Six-Channel Direct Memory Access
(DMA) Controller Enabling Six
Independent Block Transfers With No
Intervention From the DSP
– ARM
 Port Interface (API) Provides
2K x 16-Bit Shared Memory Interface for
Efficient Information Exchange Between
the MCU Subsystem and the DSP
Subsystem CPUs
– External Memory Interface
– Software-Programmable Wait-State
Generator Capable of Extending
External Bus Cycles By Up To
14 Machine Cycles
– One Software-Programmable Hardware
Timer For Control Operations
– Programmable Phase-Locked Loop
(PLL) Clock Generator
D ARM7TDMI RISC Microcontroller Core With
16K Bytes of Integrated SRAM and
Enhanced Emulation Capabilities Operates
at Up To 47.5 MHz
D Integrated MCU Subsystem Peripherals
– Ethernet Interface Module With
10/100 Mb/s IEEE 802.3 Ethernet Media
Access Controller (MAC)
– Media Independent interface (MII) Port
– Universal Asynchronous Receiver/
Transmitter (UART)
– UART/IrDA Interface Which Supports the
Slow Infrared (SIR) Protocol
– Serial Peripheral Interface
– Thirty-Six General-Purpose I/O Pins
– Inter-Integrated Circuit (I2C) Interface
– Two General-Purpose Timers
– One Watchdog Timer
– Interrupt Handler
– Interface to External Memory Supports
Flash, SRAM, SDRAM, ROM
– Flexible Clock Management for MCU
Peripherals
– Programmable Phase-Locked Loop
(PLL) Clock Generator
D On-Chip Scan-Based Emulation Logic,
IEEE Std 1149.1† (JTAG) Boundary Scan
Logic of DSP and MCU Cores
D Supports Scan-Based Emulation of DSP
and MCU Cores
D 257-Ball MicroStar BGA (GHK Suffix)
Package
ARM is a registered trademark of ARM Limited.
ARM7TDMI is a trademark of ARM Limited.
TMS320C54x and MicroStar BGA are trademarks of Texas Instruments.
† IEEE Standard 1149.1-1990Standard-Test-Access Port and Boundary Scan Architecture.
Other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com