Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 67Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 68Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 69Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 70Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 71Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 72Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 73Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 74Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
Electrical Specifications
62
June 2001 – Revised December 2002
SPRS180C
6.9
Instruction Acquisition (DSP_IAQ) and Interrupt Acknowledge (DSP_IACK)
Timings
Table 6–14 assumes testing over recommended operating conditions and H = 0.5tc(CO) (see Figure 6–13).
Table 6–14. DSP_IAQ and DSP_IACK Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(CLKL-IAQL)
Delay time, DSP_CLKOUT low to DSP_IAQ low
1.5
11.5
ns
td(CLKL-IAQH)
Delay time, DSP_CLKOUT low to DSP_IAQ high
1.5
11.5
ns
td(A)IAQ
Delay time, address valid to DSP_IAQ low
1
ns
td(CLKL-IACKL)
Delay time, DSP_CLKOUT low to DSP_IACK low
1.5
11.5
ns
td(CLKL-IACKH)
Delay time , DSP_CLKOUT low to DSP_IACK high
1.5
11.5
ns
td(A)IACK
Delay time, address valid to DSP_IACK low
1
ns
th(A)IAQ
Hold time, DSP_IAQ high after address invalid
– 2
ns
th(A)IACK
Hold time, DSP_IACK high after address invalid
– 2
ns
tw(IAQL)
Pulse duration, DSP_IAQ low
2H–3
ns
tw(IACKL)
Pulse duration, DSP_IACK low
2H–3
ns
DSP_MSTRB
DSP_IACK
DSP_IAQ
DSP_A[19:0]
DSP_CLKOUT
td(A)IACK
td(A)IAQ
tw(IACKL)
th(A)IACK
td(CLKL-IACKL)
tw(IAQL)
th(A)IAQ
td(CLKL-IAQL)
td(CLKL-IACKH)
td(CLKL-IAQH)
Figure 6–13. DSP_IAQ and DSP_IACK Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com