Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 69Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 70Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 71Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 72Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 73Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 74Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 75Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 76Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
Electrical Specifications
64
June 2001 – Revised December 2002
SPRS180C
6.11 Multichannel Buffered Serial Port (McBSP) Timings
6.11.1
McBSP Receive and Transmit Timings
Table 6–16 and Table 6–17 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 6–16 and Figure 6–17).
NOTE: Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals
is inverted, then the timing references of that signal are also inverted.
Table 6–16. McBSP Receive and Transmit Timing Requirements
MIN
MAX
UNIT
tc(BCKRX)
Cycle time, BCLK_R/X
BCLK_R/X ext
4H
ns
tw(BCKRX)
Pulse duration, BCLK_R/X or BCLK_R/X high
BCLK_R/X ext
2H–1
ns
t
Hold time external BFSR high after BCLKR low
BCLKR int
0
ns
th(BCKRL-BFRH)
Hold time, external BFSR high after BCLKR low
BCLKR ext
7
ns
t
Hold time BDR valid after BCLKR low
BCLKR int
0
ns
th(BCKRL-BDRV)
Hold time, BDR valid after BCLKR low
BCLKR ext
7
ns
t
Hold time external BFSX high after BCLKX low
BCLKX int
0
ns
th(BCKXL-BFXH)
Hold time, external BFSX high after BCLKX low
BCLKX ext
7
ns
t
Setup time external BFSR high before BCLKR low
BCLKR int
9
ns
tsu(BFRH-BCKRL)
Setup time, external BFSR high before BCLKR low
BCLKR ext
2
ns
t
Setup time BDR valid before BCLKR low
BCLKR int
9
ns
tsu(BDRV-BCKRL)
Setup time, BDR valid before BCLKR low
BCLKR ext
2
ns
t
Setup time external BFSX high before BCLKX low
BCLKX int
9
ns
tsu(BFXH-BCKXL)
Setup time, external BFSX high before BCLKX low
BCLKX ext
2
ns
tr(BCKRX)
Rise time, BCLKR_R/X
BCLK_R/X ext
5
ns
tf(BCKRX)
Fall time, BCLKR_R/X
BCLK_R/X ext
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com