Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 95 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 89Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 90Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 91Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 92Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 93Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 94Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 95Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 96Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 97Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
Electrical Specifications
86
June 2001 – Revised December 2002
SPRS180C
Table 6–40. SPI Rising Edge Timing Requirements
MIN
NOM
MAX
UNIT
td(ENRS–CLKH)
Delay time, Rising enable start active to first clock high
A – 3†
A†
A + 3†
ns
td(CLKL–ENRE)
Delay time, Last clock low to rising enable end
A/2 – 3†
A/2†
A/2 + 3†
ns
tw(ENRT)
Pulse duration, Rising enable toggle
A – 3†
A†
A + 3†
ns
td(CLKL–DOV)
Delay time, Clock low to data out valid
2
8
ns
tsu(DIV–CLKH)
Setup time, Data in valid to clock high
6
ns
th(CLKH–DIIV)
Hold time, Clock high to data in invalid
4
ns
† A = 4 x PTV x tc(ARM)
In this mode, all timing related activity for Data In and Enable is based on the falling edge of the SPI Clock.
The timing activity for Data Out will be based on the rising edge of the SPI clock.
MSB
LSB
Bit=31
Bit=32–total
MCUENO, 1 2,
(negative edge
triggered)
MCUENO, 1 2,
(positive edge
triggered)
(negative level
triggered)
MCUENO, 1 2,
MCUENO, 1 2,
triggered)
(positive level
CLKX_SPI
MCUDO
MCUDI
MSB
LSB
Bit=total–1
Bit=0
td(ENRS–CLKH)
td(CLKL–ENRE)
tw(ENRT)
th(CLKH–DIIV)
tsu(DIV–CLKH)
td(CLKL–DOV)
tc(SPI)
tw(SPI–H)
tw(SPI–L)
tr(SPI)
tf(SPI)
Figure 6–38. SPI Rising Edge Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com