Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 7Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 8Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 9Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 10Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 11Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 12Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 13Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 14Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
Introduction
2
June 2001 – Revised December 2002
SPRS180C
2
Introduction
This section describes the main features, gives a brief functional overview of the TMS320VC5471, lists the
pin assignments, and provides a signal description table. The data manual also provides a detailed description
section, electrical specifications, parameter measurement information, and mechanical data section
describing the available packaging.
NOTE: This data manual is designed to be used in conjunction with the TMS320C54x
 DSP
Functional Overview (literature number SPRU307) and the TMS320VC547x CPU and
Peripherals Reference Guide (literature number SPRU038).
2.1
Description
The TMS320VC5471 integrates a DSP subsystem based on the TMS320C54x architecture and a RISC
microcontroller subsystem based on the ARM7TDMI core as shown in Figure 2–1. The DSP subsystem
includes 72K x 16-bit SRAM, a timer, a DMA controller, an external memory interface, and two McBSPs. The
MCU subsystem includes three timers, general-purpose I/O, an external memory interface, and an Ethernet
(10/100Base-T) interface with a media-independent interface (MII) port.
The TMS320VC5471 is implemented as two major subsystems that are highly independent. The DSP
subsystem includes the following modules:
•
TMS320C54x
 DSP core
•
72K x 16-bit internal SRAM organized as 32K x 16-bit of data SRAM and 40K x 16-bit of program SRAM.
•
ARM port interface (API) to provide access by the MCU to 8K x 16 of the DSP’s data SRAM
•
Two multichannel buffered serial ports (McBSPs)
•
Phase-locked loop (PLL)
•
Timer
•
Direct memory access (DMA) controller
•
Programmable wait-state generator
•
External memory interface
The MCU subsystem includes the following modules:
•
ARM7TDMI CPU core (32/16-bit RISC processor) with extended emulation capabilities
•
MCU memory interface for external SRAM, Flash, ROM, and SDRAM.
•
On-chip 16K-byte (4K x 32) zero wait-state SRAM.
•
MCU general-purpose I/Os (GPIOs), including support for an 8 x 8 keyboard.
•
Three timers (two general-purpose, one watchdog)
•
IrDA-compatible UART, supporting two modes
–
IrDA mode
–
UART mode without hardware flow control
•
UART/Modem, with
–
hardware flow control support
–
autobaud function
•
MCU subsystem interrupt handler
•
MII port
•
Ethernet 10/100Base-T interface
•
Clock generator and control
•
I2C “master-only” interface
•
Serial peripheral interface
•
Phase-locked loop (PLL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com