Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 82Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 83Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 84Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 85Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 86Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 87Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 88Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 89Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
Electrical Specifications
77
June 2001 – Revised December 2002
SPRS180C
Table 6–31. I2C Bus Device Timing Requirements (STOP and START Conditions)
STANDARD
MODE
FAST
MODE
UNIT
MIN
MAX
MIN
MAX
UNIT
th(SDAL–SCLL1)
Hold time, SCL low from SDA low (START condition)
4
0.6
µs
tsu(SCLH-SDAH)
Setup time, SDA high from SCL high (STOP condition)
4
0.6
µs
tw(SDAH)
Pulse duration, SDA high. Bus free time between a STOP and START
condition.
4.7
1.3
µs
SCL
SDA
tw(SDAH)
th(SDAL–SCLL1)
th(SDAL–SCLL1)
tsu(SCLH–SDAH)
Figure 6–31. I2C Bus Timings (STOP and START Conditions)
Table 6–32. I2C Bus Device Timing Requirements (Repeated START Condition)
STANDARD
MODE
FAST
MODE
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(SCLH–SDAL)
Setup time, SDA low after SCL high
4.7
0.6
µs
td(SDAL–SCLL2)
Hold time, SCL low after SDA low
4
0.6
µs
SCL
SDA
tsu(SCLH–SDAL)
Repeated
Start
th(SDAL–SCLL2)
Figure 6–32. I2C Bus Timings (Repeated START Condition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com