Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 35Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 36Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 37Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
MCU Subsystem Functional Overview
30
June 2001 – Revised December 2002
SPRS180C
The enhanced emulation features provide the following debugging capabilities:
•
Single processor (MCU only) and multiprocessor (MCU and DSP) debug
•
High-level language and assembly debug (run, halt, step...)
•
Real-time (MCU continuously running) or non-real-time (MCU stopped) debug options
•
Supports both 32- and 16-bit ARM7TDMI modes
•
Endianess transparency
•
Unlimited breakpoints via opcode replacement (software breakpoint)
•
Two hardware breakpoints (one configurable as software breakpoint) with maskable cycle type, address
and data compare
•
Two external breakpoint events (EMU0, EMU1 pins)
•
Internal events generate external triggers
•
Benchmarking/profiling capability
4.1.2 MCU Memory Space
The MCU memory space includes internal RAM, internal peripherals, and areas for access to external
memories and peripherals connected to the CS0–CS3 and CS4 pins, and external SDRAM. The MCU
memory map is summarized in Table 4–1.
Table 4–1. MCU Memory Space
NAME
START ADDRESS
STOP ADDRESS
SIZE IN BYTES
DATA ACCESS
CS0
0000:0000
007F:FFFF
8M
8/16/32
CS1
0080:0000
00FF:FFFF
8M
8/16/32
CS2
0100:0000
017F:FFFF
8M
8/16/32
CS3
0180:0000
01FF:FFFF
8M
8/16/32
CS4
0200:0000
027F:FFFF
8M
8/16/32
Reserved
0280:0000
0FFF:FFFF
SDRAM_CS
1000:0000
11FF:FFFF
32M
8/16/32
Reserved
1200:0000
FFBF:FFFF
Internal SRAM
FFC0:0000
FFC0:3FFF
16K
8/16/32
Reserved
FFC0:4000
FFCF:FFFF
EIM SRAM
FFD0:0000
FFD0:3FFF
16K
8/16/32
Reserved
FFD0:4000
FFDF:FFFF
API RAM
FFE0:0000
FFE0:3FFF
16K
16/32
Reserved
FFE0:4000
FFF3:FFFF
API registers
FFE4:0000
FFE4:0001
2
16
Reserved
FFE4:0002
FFFE:FFFF
EIM
FFFF:0000
FFFF:07FF
2K
32
UART_IRDA
FFFF:0800
FFFF:0FFF
2K
32
UART
FFFF:1000
FFFF:17FF
2K
32
I2C
FFFF:1800
FFFF:1FFF
2K
32
SPI
FFFF:2000
FFFF:27FF
2K
32
GPIO
FFFF:2800
FFFF:28FF
256
32
KGPIO
FFFF:2900
FFFF:29FF
256
32
Timer0
FFFF:2A00
FFFF:2AFF
256
32
Timer1
FFFF:2B00
FFFF:2BFF
256
32
Timer2
FFFF:2C00
FFFF:2CFF
256
32
INTH
FFFF:2D00
FFFF:2DFF
256
32
MEMINT
FFFF:2E00
FFFF:2EFF
256
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com