Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 14Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 15Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 16Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 17Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 18Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 19Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 20Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 21Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
Introduction
9
June 2001 – Revised December 2002
SPRS180C
Table 2–2. Terminal Functions (Continued)
TERMINAL NAME
DESCRIPTION
I/O/Z†
BE3/ SDRAM_DQM3
O
MCU byte-enable for non-SDRAM cycles, or SDRAM byte-enable (for read) and mask
(for write), active-low
CS0
O
MCU chip select 0, active-low
CS1
O
MCU chip select 1, active-low
CS2
O
MCU chip select 2, active-low
CS3/ ROMSIZE16
I/O
MCU chip select 3, active-low.¶ Input sampled at RESET rising edge to determine the width of
the ARM processor during initialization as defined below:
0 = 16 bits
1 = 32 bits
For best results, an external pullup or pulldown should be installed to ensure proper sampling.
OE
O
MCU output-enable for peripherals connected to the MCU memory interface (not for
SDRAM), active-low
WAIT
I
MCU wait request, active-low. If this signal is unused, it must be pulled high with an external
pullup resistor.
R/W
O
Asynchrouous memory active-high read / active-low write signal (not for SDRAM)
SDRAM_CLK
O
SDRAM Clock
SDRAM_CS
O
SDRAM chip-select, active-low
BDX0
O/Z
McBSP0 transmit serial data
BFSX0
I/O/Z
McBSP0 transmit frame synchronization
BCLKX0
I/O/Z
McBSP0 transmit clock
BDR0
I
McBSP0 receive serial data
BCLKR0
I/O/Z
McBSP0 receive clock
BFSR0
I/O/Z
McBSP0 receive frame synchronization
BDR1
I
McBSP1 receive serial data
BFSR1
I/O/Z
McBSP1 receive frame synchronization
BCLKR1
I/O/Z
McBSP1 receive clock
BFSX1
I/O/Z
McBSP1 transmit frame synchronization
BCLKX1
I/O/Z
McBSP1 transmit clock
BDX1
O/Z
McBSP1 transmit data
DSP_A00– DSP_A19
O/Z
DSP Address bits 0 through 19
DSP_D00–DSP_D15
I/O/Z
DSP Data bus bits 0 through 15
DSP_MSTRB
O/Z
DSP memory strobe signal, active-low
DSP_DS
O/Z
DSP data space select, active-low
DSP_INT0
I
DSP external interrupt, active-low. If this signal is unused, it should be pulled high with an
external pullup resistor.
DSP_IOSTRB
O/Z
DSP I/O strobe signal, active-low
DSP_IS
O/Z
DSP I/O space select, active-low
DSP_PS
O/Z
DSP program space select, active-low
DSP_READY
I
DSP data ready input (tie high if not used), active-high. If this signal is unused, it must be
pulled high with an external pullup resistor.
DSP_R/W
O/Z
DSP active-high read / active-low write signal
† I = input, O = output, Z = high-impedance
‡ The KBGPIO[15:8] pins include integrated pullup resistors.
§ The ARM7TDMI core can operate in either little- or big-endian mode. The 5471 configures the ARM7TDMI core’s endianness by sampling this
pin at the RESET rising edge.
¶ 5471 only supports MCU boot from a 16-bit or a 32-bit-wide memory implementation on CS0. The 5471 configures the ARM7TDMI starting
instruction size, and width of memory connected to CS0, by sampling this pin at the RESET rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com