Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 43Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
MCU Subsystem Functional Overview
34
June 2001 – Revised December 2002
SPRS180C
Movement of data between the FIFOs and the packet memory is directed via a data structure in the packet
memory called the descriptor rings (DR). In general, the DR data structures provide flexible packet
management allowing variable memory buffer sizes and locations. The DR also provides a means to
synchronize shared ownership of data buffers in memory between the Ethernet interface and the MCU. Each
ring consists of a variable number of descriptors which can be chained to handle long packets in multiple data
buffer areas. The location of the descriptor rings in memory is programmable using Ethernet interface
configuration registers. One descriptor ring is for transmit operations and the other is for receive operations.
The packet memory provides two circular queues for Ethernet packets: one queue for received packets and
one queue for transmit packets for the port (ENET0). Each queue is a list of descriptors which includes control
and status information, and a pointer to packet data. When the MCU software identifies a packet which must
be moved from one queue to another, only the descriptors (pointing to the packet data) are copied, i.e., data
packet is passed by reference. Each descriptor is linked to a packet buffer. To keep track of free buffers, a
free buffer entry is added after each packet buffer. This allows a buffer to be referenced by two descriptors
of two different queues, which is useful when receiving broadcast or multicast packets.
The Ethernet interface accesses each descriptor circular queue in strict sequential fashion. If the Ethernet
interface wants to process a descriptor entry to transmit a packet, it will check the ownership bit. If the MCU
owns the entry, the controller will periodically poll the entry waiting for ownership to be passed to the ENET
module. If ownership is not passed before the buffer empties, a transmit underflow will occur. Likewise, for
receive operations, the controller will poll and wait for the next descriptor entry to become available. If
ownership is not passed before the buffer fills, a receive overflow will occur. The user may set the poll time
by loading the 16-bit poll interval register, which defines the number of MCU subsystem clocks between polls.
The Ethernet interface does not check the length of a chained descriptor. MCU software should avoid creating
linked descriptors that violate Ethernet rules.
It is the responsibility of MCU software to initialize the packet memory structure and circular queues, and to
ensure coherence with the configuration values programmed in the Ethernet interface registers.
4.3.1.1
EIM Operation
The MCU software has the responsibility to initialize the Ethernet interface module (EIM).
•
Packet buffer memory initialization
–
The MCU software has to initialize the descriptor rings structures. It is a requirement that each
descriptor points to an existing buffer and that each buffer is only referenced once. Interrupts have to
be enabled on all descriptors. All descriptors have to be owned by their own port (OWN=1). Buffer
usage entries have to be initialized to zero.
•
ENET0 initialization
–
If the ENET module is not used it could be disabled by clearing permanently the ENABLE bit of the
MODE register.
–
The mode, backoff seed, backoff count, TX flow go, flow control, VTYPE, ring poll interval registers
have to be set according to the operating configuration.
–
The TDBA and RDBA registers have to be set according to the mapping done in the packets memory.
–
The logical address hash filter register has to be initialized to zero.
–
The ENET has to be set in all pass mode in the address mode enable register. If MCU logical
addressing is desired, the enable logical address bit has to be set to one as well.
•
EIM start-up
–
The ENET has to be started by setting the ENABLE bit in its MODE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com