Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5471GHKA Datasheet(PDF) 87 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 83Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 84Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 85Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 86Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 87Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 88Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 89Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 90Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
Electrical Specifications
78
June 2001 – Revised December 2002
SPRS180C
6.14 MII Timings
Table 6–33 and Table 6–34 assume testing over recommended operating conditions (see Figure 6–33 and
Figure 6–34).
Table 6–33. MII Timing Requirements (Receive)
MIN†
MAX
UNIT
tsu(TCLKH-RXD)
Setup time, read RXD[3:0] before TCLK high
10/10
1
tsu(TCLKH-RXER) Setup time, read RX error valid before TCLK high
10/10
ns
1
tsu(TCLKH-RXDV) Setup time, read RX data valid before TCLK high
10/10
ns
thd(RXD-TCLKH)
Hold time, read RXD[3:0] after TCLK high
10/10
2
thd(RXER-TCLKH) Hold time, read RX error valid after TCLK high
10/10
ns
thd(RXDV-TCLKH) Hold time, read RX data valid after TCLK high
10/10
3
tw(TCLKH)
Pulse duration, TCLK high
140/14
ns
4
tw(TCLKL)
Pulse duration, TCLK low
140/14
ns
5
tw(TCLK)
Cycle time, TCLK
400/40
ns
† The timings format is based on 10 Mb/s / 100 Mb/s.
1
2
3
4
5
RCLK
RXD[3:0],
RXER,
RXDV
Figure 6–33. MII Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com