Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 14Page - Microchip Technology MCP1663 Datasheet HTML 15Page - Microchip Technology MCP1663 Datasheet HTML 16Page - Microchip Technology MCP1663 Datasheet HTML 17Page - Microchip Technology MCP1663 Datasheet HTML 18Page - Microchip Technology MCP1663 Datasheet HTML 19Page - Microchip Technology MCP1663 Datasheet HTML 20Page - Microchip Technology MCP1663 Datasheet HTML 21Page - Microchip Technology MCP1663 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board User’s Guide
DS50002364A-page 18
 2015 Microchip Technology Inc.
FIGURE 2-2:
MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board Setup.
2.2.1.3
ADJUSTABLE VOUT SETTING
The top circuit comes with the output value set to 9V and 12V (VOUT selective using a
switch). If a different output is desired, set the switch in the OFF state (button down)
and recalculate the resistor divider (RT1 and RB1) using Equation 2-1.
The Bottom circuit comes with VOUT set to 24V. As in the previous case, the same
equation can be used to calculate RT and RB and set another output voltage. Note that
VIN must be lower than VOUT.
EQUATION 2-1:
POWER +
SUPPLY -
POWER +
SUPPLY
-
V-meter
V-meter
V-meter
+
Electronic
Load/
Resistive
Load
-
+
Electronic
Load/
Resistive
Load
-
V-meter
+
Electronic
Load/
Resistive
Load
-
BIAS Supply Option Select
VOUT Select Switch
RT
RB
V
OUT
V
FB
-------------


1
–
=
Where
: VFB = 1.227V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com