Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1663 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1663
Description  MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1663 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1663 Datasheet HTML 9Page - Microchip Technology MCP1663 Datasheet HTML 10Page - Microchip Technology MCP1663 Datasheet HTML 11Page - Microchip Technology MCP1663 Datasheet HTML 12Page - Microchip Technology MCP1663 Datasheet HTML 13Page - Microchip Technology MCP1663 Datasheet HTML 14Page - Microchip Technology MCP1663 Datasheet HTML 15Page - Microchip Technology MCP1663 Datasheet HTML 16Page - Microchip Technology MCP1663 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Product Overview
 2015 Microchip Technology Inc.
DS50002364A-page 13
FIGURE 1-2:
MCP1663 24V Output Boost from HV Input (9V-16V).
1.3
WHAT IS THE MCP1663 9V/12V/24V OUTPUT BOOST REGULATOR
EVALUATION BOARD?
The MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board is used to
evaluate and demonstrate Microchip Technology’s MCP1663 Switching Boost
Regulator. This board demonstrates the MCP1663 capabilities in two different
applications:
• 9V or 12V selectable output Boost Converter application supplied from an
external voltage source (VIN < 5.5V e.g. Li-Ion cell boost to 9V or 12V). This
typical step-up configuration is meant to highlight the MCP1663 basic boost
operation.
• 24V Output Boost converter application supplied from high voltage input rail (e.g.
9V - 16V). This application provides solutions for the particular situation in which
the required input voltage is outside the typical operating range (e.g. VIN = 12V
boost to 24V Output). J1 jumper is used to choose between stepping down the VIN
voltage using the LDO or the Zener diode circuitry.
The board can be used to evaluate the SOT-23-5 lead package. The MCP1663
9V/12V/24V Output Boost Regulator Evaluation Board was developed to help
engineers reduce product design cycle time.
The output voltage is set to the proper value using an external resistor divider, resulting
in a simple and compact solution.
1.4
WHAT THE MCP1663 9V/12V/24V OUTPUT BOOST REGULATOR
EVALUATION BOARD KIT CONTAINS
This MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board kit includes:
• MCP1663 9V/12V/24V Output Boost Regulator Evaluation Board (ADM00664)
• Information Sheet
VIN
EN
GND
VFB
SW
VOUT
24V, 350 - 500 mA
CIN
10 µF
169 k
9.1 k
RT
RB
GND
+
-
VOUT
GND
+
-
MCP1663
MBRA140T3G
VIN
9V - 16V
VIN
D
COUT
2 x10 µF
L
10 µH
ZENER
LDO
BIAS
BIAS
VIN
9V - 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com